PART |
Description |
Maker |
1766600-3 |
RAPID LOCK and CROWN LINE Power Bus Bar Systems
|
Tyco Electronics
|
EC100BS6HC |
Eclipse Series Stainless Steel Pressure Sensor, Amplified Output, Sealed Gage, 0 bar to 100 bar, Item Number 9251805
|
Honeywell
|
18-013-993 18-013-990 18-013-991 18-013-012 18-013 |
GAUGE PRESSURE MANOMETER DIRMONT 0 BIS 6 BAR 0.125ZOLL MANOMETER PANMONT 0 BIS 10 BAR 0.125ZOLL 压力表PANMONT 0国际清算银行10英美0.125ZOLL MANOMETER 0 BIS 4BAR BSP 0.125ZOLL 国际清算银行4BAR压力0 BSP0.125ZOLL MANOMETER DIRMONT 0 BIS 10 BAR 0.125ZOLL
|
Bel Fuse, Inc. Ecliptek, Corp.
|
TC826CBU TC826 |
In many applications a graphical display is preferred over a digital display. Knowing a process or system operates, for example, within design limits is more valuable than a direct system variable readout. A bar or moving dot display suppl Analog-to-Digital Converter with Bar Graph Display Output(保持,非混杂LCD驱动40个数据段及零点功
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
IDT72V3636 IDT72V3636L10PF IDT72V3636L15PF IDT72V3 |
1K x 36 x 2 Triple-Bus FIFO, 3.3V 3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 From old datasheet system
|
IDT[Integrated Device Technology]
|
FI-X30-UGB-NPB-10000 |
GROUND BAR
|
Japan Aviation Electronics Industry, Ltd.
|
UVB-57173HR |
Light BAR
|
Unity Opto Technology
|
E1013 E2041 E1010 E1011 E1012 E2010 E2011 E2020 E2 |
Light Bar
|
GILWAY[Gilway Technical Lamp]
|
601112148 601112128 601112138 6021121C8 6.02112E14 |
VENTIL KUGEL INNENGEW INNENGEW 0.5 VENTIL KUGEL INNENGEW INNENGEW 0.25 VENTIL KUGEL INNENGEW INNENGEW 0.375 VENTIL KUGEL 10 BAR INNENGEW 3 VENTIL KUGEL 50 BAR INNEN INNENGEW 0.375 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors Pin-Selectable Watchdog Timers VENTIL KUGEL 40 BAR INNEN INNENGEW 0.75 SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup VENTIL库格5英美INNENGEW 0.5 SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup VENTIL库格5英美INNENGEW 1
|
Molex, Inc. NorComp
|
PB72-LBRY01 |
19.9 x 6.8mm Light Bar
|
P-tec Corporation
|
PB95-LBRG13 |
21 x 13mm Light Bar
|
P-tec Corporation
|