PART |
Description |
Maker |
AM75DL9608HGT70IT AM75DL9608HGT75IS AM75DL9608HGT7 |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 64兆位个M x 16位)2兆位米16位).0伏的CMOS只,同时作业闪存,和 64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Xilinx, Inc. Spansion, Inc.
|
AM42DL640AG45IT AM42DL640AG25IT AM42DL640AG |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION http://
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV160DB-70WCE AM29LV160DT-70WCE AM29LV160DB-70 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM42DL640AG25IT AM42DL640AG45IT AM42DL640AG70IT |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存6兆位米16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM29DL400BT-120FC AM29DL400BT-80FCB AM29DL400BT-90 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 80 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只,同时作业快闪记忆 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 70 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 80 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 80 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 90 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 256K X 16 FLASH 3V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PDSO44
|
http:// ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
AM49PDL127AH70IS AM49PDL127AH70IT AM49PDL127AH61IS |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
|
SPANSION[SPANSION]
|
AM70PDL127BDH85I AM70PDL129BDH AM70PDLI27BDH AM70P |
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
|
SPANSION[SPANSION]
|
AM29F016B-70EEB AM29F016B-70EIB AM29F016B-120DGI1 |
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only/ Sector Erase Flash Memory-Die Revision 1 16 megabit CMOS 5.0 volt-only uniform flash memory
|
Advanced Micro Devices
|
AM29F010-1 AM29F010-120DGC1 AM29F010-120DGE1 AM29F |
1 megabit CMOS 5.0 volt-only, uniform sector flash memory- die revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash MemoryDie Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC30 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 90 ns, UUC30 Evaluation Board for LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers 128K X 8 FLASH 5V PROM, 90 ns, UUC30 LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers; Package: MICRO SMD; No of Pins: 8 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory-Die Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory-Die Revision 1
|
ADVANCED MICRO DEVICES INC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
|