PART |
Description |
Maker |
B72225T4351K101 B72225T4321K101 B72225T4421K101 B7 |
SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
|
EPCOS
|
MDE-14D471K MDE-14D470K MDE-14D241K MDE-14D201K MD |
Metal Oxide Varistors
|
MDE Semiconductor, Inc.
|
14K330K 14D181K 14D390K 14D391K 14D180K 14D220K 14 |
Metal Oxide Varistors
|
Ruilongyuan Electronics Co.,Ltd Ruilongyuan Electronics...
|
34S271K 34S301K 34S221K 34S471K 34S561K 34S331K 34 |
Metal Oxide Varistors
|
Ruilongyuan Electronics Co.,Ltd
|
V14KXXX |
Metal Oxide Varistors
|
Uppermost
|
TNR9G431K |
Metal Oxide Varistors
|
Marcon
|
B60K210 B60K230 B60K250 B60K275 B60K460 B60K880 |
Metal Oxide Varistors
|
MDE Semiconductor, Inc.
|
MDE-25S681K MDE-25S431K MDE-25S102K MDE-25S511K MD |
Metal Oxide Varistors
|
MDE Semiconductor, Inc.
|
V180ZA05 V180ZA1 V180ZA10 V180ZA20 V180ZA5 V82ZA12 |
Radial lead metal-oxide varistors, 115V From old datasheet system DB9 FEMALE TO RJ45 10 WIRMODULAR ADAPTER (GRAY) Computers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DB9 MALE TO RJ45 8 WIRE MODULAR ADAPTER (RED) CRIMP SHELLS, DB9 MALE Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-32 CAP .0033UF 100V METAL POLY Shielded Multiconductor Cable; Number of Conductors:37; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes DIODE ZENER SINGLE 500mW 4.7Vz 20mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL Brilliance Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-21 Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 径向引线金属氧化物压敏电阻的低中压运 Radial lead metal-oxide varistors, 110V Radial lead metal-oxide varistors, 130V Radial lead metal-oxide varistors, 92V Radial lead metal-oxide varistors, 75V Radial lead metal-oxide varistors, 140V
|
http:// HARRIS[Harris Corporation] Harris, Corp. Harris Semiconductor
|
B72210P2271K101 B72210P2171K101 B72210P2421K101 B7 |
SIOV metal oxide varistors
|
EPCOS
|
CT0402M4G |
Metal Oxide Varistors 金属氧化物压敏电
|
Electronic Theatre Controls, Inc. EPCOS ETC[ETC] List of Unclassifed Manufacturers
|