PART |
Description |
Maker |
VEC3R0106QG VEC3R0107QG VEC3R0305QG VEC3R0357QG |
3V SERIES - Lead terminal 3V SERIES - Lug terminal
|
Vina
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
19193-0089 19193-0074 19193-0073 19193-0092 19193- |
RING VERSAKRIMP (BB-339-08) 2 mm2, COPPER ALLOY, RING TERMINAL VERSAK RING TERM 16-14 BB-325-56 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-325-14T) 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-339-10T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930007 0.8 mm2, COPPER ALLOY, RING TERMINAL 191930078 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-337-06T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930017 0.8 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP (B-830-56HD) 2 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP TAPED (AA-8111-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (AA-832-08) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (AA-832-06T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Insulator Color:Red; Series:RING AVIKRIMP TAPED (AA-832-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (B-830-14HD) 2 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
VEC2R5155QG VEC2R5106QG VEC2R5305QG VEC2R5505QA VE |
2.5V SERIES - Lead terminal
|
Vina
|
2SK3013 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2560 |
Power MOSFETs / VZ Series (Three Terminal Type)
|
Shindengen
|
2SK3012 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2188 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2667 |
Power MOSFETs / HVX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2666 |
Power MOSFETs / HVX-II Series (Three Terminal Type)
|
Shindengen
|
|