PART |
Description |
Maker |
P4C422-25DC P4C422-25DMB P4C422-12FC P4C422-15FC P |
HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 12 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 15 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 35 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, PDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 高速静56 × 4 CMOS存储
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
AM42DL3244GB25IT AM42DL3234GB25IT AM42DL3224GB25IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器
|
Advanced Micro Devices, Inc.
|
CAT22C10 CAT22C10LE20 CAT22C10LE30 CAT22C10LI20 CA |
256-Bit Nonvolatile CMOS Static RAM
|
ON Semiconductor
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
SAE81C52 SAE81C52G SAE81C52P |
From old datasheet system 256 x 8-Bit Static CMOS RAM NMOS-Compatible
|
Siemens Semiconductor Group
|
IDT71V416YS15YGI IDT71V416YS IDT71V416YL10BEG IDT7 |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT7MP4145 IDT7MB4145S15Z IDT7MB4145S15M IDT7MB414 |
256K x 32 CMOS STATIC RAM MODULE 256K × 32的CMOS静态RAM模块 IC LOGIC 244TQ OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS -40 85C QSOP-20 55/TUBE 256 x 32 CMOS static RAM module
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
IS61LV25616 IS61LV2561 IS61LV25616-10T IS61LV25616 |
256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY ASYNCHRONOUS STATIC RAM 256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 256 × 16高速异步的CMOS静态RAM.3V电源
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc] Integrated Silicon Solution, Inc.
|
MSM521218 |
65,536-Word ?18-Bit CMOS STATIC RAM(64k瀛??8浣????AM) 65,536-Word x 18-Bit CMOS STATIC RAM From old datasheet system 65,536-Word ×18-Bit CMOS STATIC RAM(64k字8位静态RAM) 65,536字18位的CMOS静态RAM4K的字× 18位静态RAM)的
|
OKI SEMICONDUCTOR CO., LTD.
|
UPD431000AGU-70LL-9JH UPD431000AGU-70LL-9KH UPD431 |
1M-bit (128K-word by 8-bit) CMOS static RAM, 70ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 100ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 120ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 150ns
|
NEC
|
IDT71V428YS10YYYG IDT71V428YS10YYYGI IDT71V428S10Y |
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit) 3.3V 1M x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
M5M5V216ATP M5M5V216ART D98013_A M5M5V216ATP-55LW |
2097152-bit CMOS static RAM From old datasheet system 2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|