PART |
Description |
Maker |
FAN3224CMX12 FAN3223CMX12 FAN3223TMX12 |
Dual 4A High-Speed, Low-Side Gate Drivers
|
Fairchild Semiconductor
|
NCP81071ADR2G NCP81071BZR2G NCP81071CMNTXG NCP8107 |
Dual 5 A High Speed Low-Side MOSFET Drivers
|
ON Semiconductor
|
SC1302AIMSTRT SC1302AISTRT SC1302CIMSTRT SC1302CIS |
Dual High Speed Low-Side MOSFET Driver
|
Semtech Corporation
|
FAN3228CMX12 |
Dual 2A High-Speed, Low-Side Gate Drivers
|
Fairchild Semiconductor
|
FAN3278T FAN3216T FAN3213T FAN3214T FAN3217T FAN31 |
Dual 2A High-Speed, Low-Side Gate Drivers
|
Fairchild Semiconductor
|
SC1302A08 |
Dual High Speed Low-Side MOSFET Driver
|
Semtech Corporation
|
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
IRS21953SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
SC1301A SC1301B |
(SC1301A/B) High Speed Low-Side MOSFET Driver
|
SEMTECH ELECTRONICS
|
FAN3100 FAN3100CMPX FAN3100CSX |
Single 2A High-Speed, Low-Side Gate Driver
|
http://
|