PART |
Description |
Maker |
P6192PG-24V-DC-V3-RC |
Supports panel mount, wall mount, rack mount and VESA arm
|
Axiomtek Co., Ltd.
|
SRW12UHD |
SmartRack 12U Heavy-Duty Side-Mount Wall-Mount Rack Enclosure Cabinet
|
Tripp Lite. All Rights ...
|
FM1020-T FM1030-T FM1040-T |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type DC-DC Converter; Supply Voltage:12V; Output Voltage:12V; Number of Outputs:1; Power Rating:1W; Mounting Type:PC Board Surface Mount; External Depth:6.6mm; External Width:7.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
美丽微半导体有限公司
|
HCF4510 HCF4510B HCF4510BEY HCF4510BM013TR HCF4510 |
JOYSTICK, BUSH MOUNT, 5A; Current, contact rating:6A; Angle:12(degree); Centres, fixing:36mm; Current, contact @ contact voltage AC max:6A; Depth, external:44mm; Diameter, bush:22mm; IP rating:IP65; Length / Height, external:64mm; RoHS Compliant: Yes PRESETTABLE UP/DOWN COUNTERS 预置向上/向下计数
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
MP04HBT-16 MP04HBN-16 MP04HBP-16 MP04HBP590-18 MP0 |
Dual Thyristor, Thyristor/Diode Module Dual Thyristor Thyristor/Diode Module Enclosure NEMA Type:1, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.5"; External Width:9.8"; External Depth:6.3"; Enclosure Color:Clear 935 A, 1800 V, SCR Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:12-3 935 A, 1400 V, SCR PT 3C 3#16 SKT RECP 935 A, 1800 V, SCR Euronord Enclosure; NEMA Type:1, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:9.8"; External Width:6.3"; External Depth:4.9"; Enclosure Color:Clear 935 A, 1600 V, SCR
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor Ltd. Dynex Semiconductor, Ltd.
|
W1222 |
Wall mount
|
Lumins Inc.
|
PL25W-UP PL25W |
Wall mount
|
Lumins Inc.
|
NT500 |
Wall mount
|
Lumins Inc.
|
W1292 |
Wall mount
|
Lumins Inc.
|
NT310 NT315 |
Wall mount
|
Lumins Inc.
|
|