PART |
Description |
Maker |
ADG221 ADG222 ADG222BQ ADG222KN ADG222KP ADG222KR |
44V; 30mA; 470mW; LC2MOS quad SPST switch LC MOS QUAD SPST SWITCHES LCMOS Quad SPST Switches LC2MOS ±15 V Quad SPST Switch LC2MOS Quad SPST Switches SUR ABSORBER 7MM 56V 250A ZNR LC2MOS ±15 V Quad SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Commercial LC MOS QUAD SPST SWITHCHES LC-2MOS ±15 V Quad SPST Switch LC2MOS 5 V Quad SPST Switch
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
AD7847 AD7847AN AD7847AQ AD7847AR AD7847BN AD7847B |
LC2MOS Complete, Dual 12-Bit MDACs DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Complete/ Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure
|
Analog Devices, Inc.
|
ADG406 ADG407 ADG407BN ADG407BCHIPS |
8-/16-Channel High Performance Analog Multiplexers(16通道高性能模拟多路复用 8-/16-Channel高性能模拟多路复用器(16通道高性能模拟多路复用器) LC2MOS 8-/16-Channel High Performance Analog Multiplexers 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 15 V, 8 Channel, High Performance Analog Multiplexer LC2MOS 15V 16 Channel High Performance Analog Multiplexer LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7245 AD7245AQ AD7245JN AD7245JP AD7245SE AD7245S |
LC2MOS 12-Bit DACPORT
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7538AQ AD7538SQ AD7538JR AD7538KR AD7538BQ AD753 |
LC2MOS uP-Compatible 14-Bit DAC
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7247A AD7247AAN AD7247AAR AD7247ABN AD7247ABR AD |
LC2MOS Dual 12-Bit DACPORTs
|
AD[Analog Devices]
|
AD7538TQ |
LC2MOS Microprocessor-Compatible 14-Bit DAC
|
Analog Devices
|