PART |
Description |
Maker |
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
85013-3093 0850133093 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0μm (39μ)Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0渭m (39渭")Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0楼矛m (39楼矛")Selective Gold (Au), 96 Circuits
|
Molex Electronics Ltd.
|
0850032995 85003-2995 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25μm (10μ) Selective Gold (Au), 32 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25渭m (10渭") Selective Gold (Au), 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
96P-6033-52V-0 0850030127 85003-0127 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6渭m (24渭") Selective Gold (Au), 64 Circuits
|
Molex Electronics Ltd.
|
0850032763 85003-2763 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25μm(10μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25楼矛m(10楼矛") Selective Gold (Au), 64 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
85042-1184 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850426062 85042-6062 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850150335 85015-0335 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1楼矛m (40楼矛) Gold (Au), 128 Circuit 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1μm (40μ) Gold (Au), 128 Circuit
|
Molex Electronics Ltd.
|
0365010026 MM-B2502-C480 MMB2502C480 36501-0026 |
2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 48 Circuits 2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 48 Circuits
|
Molex Electronics Ltd.
|
0365000122 36500-0122 MM-B2502-C963 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|