PART |
Description |
Maker |
SA-1748 HWB-1790 |
RELAY RACK SHELF, HINGED WALL MOUNT BRACKET
|
Bud Industries, Inc.
|
TG358113 |
Apex II - Hinged TG.35 Ultra-Wideband 4G LTE Antenna
|
Taoglas antenna solutio...
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
1885180000 1885250000 1885590000 1884680000 188899 |
CONN TERM BLOCK 2POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 9POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 19POS 3.81MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 12POS 5.0MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
2-111492-0 2-111492-2 2-111492-4 2-111492-3 2-1114 |
UNIVERSAL I/O PIN CONNECTOR, WITHOUT MOUNTING EARS, WITH STD COVER LATCHES,AMP-LATCH FRAME RETARDANT UNICERSAL I/O PIN CONNECTOR, WITHOUT MOUNTING EARS, WITH STD COVER LATCHES,AMP-LATCH UNIVERSAL I/O PIN CONNECTOR, WITHOUT MOUNTING ERS, WITH STD COVER LATCHES,AMP-LATCH
|
Tyco Electronics
|
BLK-89 |
Coaxial DC Block SMA 0.0001 to 8 GHz 0.1 MHz - 8000 MHz RF/MICROWAVE INSIDE DC BLOCK, 0.9 dB INSERTION LOSS-MAX Coaxial DC Block SMA 0.0001 to 8 GHz
|
MINI[Mini-Circuits]
|
1-1546018-0 2-1546018-0 2-1546018-2 2-1546018-1 2- |
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Tyco Electronics
|
|