PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
MP4513 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
BUV11 |
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS SITCHMODE Series NPN Silicon Power Transistor
|
Motorola Inc Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SB1094 2SB1094L 2SB1094M |
Silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIER TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | SOT-186 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC Corp.
|
2SC2333 2SC2333K |
PNP SILICON POWER TRANSISTOR(switching regulator/DC-DC converter and ultrasonic appliance) TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220AB PNP SILICON POWER TRANSISTOR(switching regulator,DC-DC converter and ultrasonic appliance) NPN Silicon Power Transistor
|
NEC Corp. NEC[NEC]
|
MP4304 |
Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1)
|
Toshiba Semiconductor Toshiba Corporation
|
CENU05 CENU06 CENU57 CENU07 CEN-U07 CENU55 CENU56 |
SILICON COMPLEMENTARY POWER TRANSISTORS 2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-202 Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
2SB962 2SB962-Z 2SB962-ZE 2SB962-ZP 2SB962-ZR 2SB9 |
Silicon transistor BJT 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 晶体 PNP SILICON EPITAXIAL TRANSISTOR MP-3 进步党硅外延晶体管型号:MP - 3
|
NEC[NEC] NEC Corp. NEC, Corp.
|
MJ423_D ON1993 MJ423 |
POWER TRANSISTOR NPN SILICON From old datasheet system 10 AMPERE POWER TRANSISTOR NPN SILICON 125 WATTS
|
ONSEMI[ON Semiconductor]
|
ASIS15-28 |
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator NPN SILICON RF POWER TRANSISTOR NPN SILICON RF POWER TRANSISTOR
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|