PART |
Description |
Maker |
SERIES110 |
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
|
Precid-Dip Durtal SA
|
HD74LS156RPEL |
Dual 2-line-to-4-line Decoders / Demultiplexers (with open collector outputs)
|
Renesas Electronics Corporation
|
LT1280A LT1280AC LT1280ACN LT1280ACSW LT1280AI LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SOIC 0 to 70 DUAL LINE TRANSCEIVER, PDSO18 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SO 0 to 70 低功V的RS232双驱动器/接收器与0.1uF电容 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-PDIP 0 to 70 DUAL LINE TRANSCEIVER, PDIP16 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SO 0 to 70 DUAL LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
FM1808 FM1808-120-P FM1808-120-S FM1808-70-P FM180 |
256Kb Bytewide FRAM Memory(256Kb瀹藉???RAM瀛???? 256Kb Bytewide FRAM Memory(256Kb宽字节FRAM存储 4Kb FRAM Serial 3V Memory 4Kb的铁电串V的记
|
ETC[ETC] List of Unclassifed Manufacturers Ramtron International Corp. Electronic Theatre Controls, Inc.
|
D31A3110 D31A3100 D31A3140 D31A6110 D31A6140 D31A |
DUAL IN LINE REED RELAY / 1 normally open contact
|
celduc-relais
|
D91A5100 D91A7100 D91A6110 D91A5140 D91A6140 |
DUAL IN LINE REED RELAY / 1 normally open contact
|
celduc-relais
|
FM25640-P |
IC 64K SERIAL FRAM 4Kb FRAM Serial 3V Memory 4Kb的铁电串V的记
|
Ramtron International, Corp.
|
HI-8482D HI-8482U HI-8482S HI-8482J HI-8482DT HI-8 |
ARINC 429 DUAL LINE RECEIVER DUAL LINE RECEIVER, CDIP20 ARINC 429 DUAL LINE RECEIVER DUAL LINE RECEIVER, PDSO20 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN
|
Holt Integrated Circuits, Inc.
|
MDU12H-4MC3 MDU12H-250MC3 MDU12H-150MC3 MDU12H-30M |
Delay 200 /-10 ns, dual, ECL-interfaced fixed delay line Delay 150 /-7.5 ns, dual, ECL-interfaced fixed delay line Delay 250 /-12.5 ns, dual, ECL-interfaced fixed delay line Delay 125 /-6.2 ns, dual, ECL-interfaced fixed delay line Delay 100 /-5 ns, dual, ECL-interfaced fixed delay line DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H) ACTIVE DELAY LINE, TRUE OUTPUT, DSO16
|
DATA DELAY DEVICES INC Data Delay Devices, Inc.
|
KBPC3501S KBPC3502S KBPC3504S KBPC3506S KBPC3508S |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC -40 to 125 15,25,35 A在在线桥式整流器 Hex Inverters With Open-Drain Outputs 14-SOIC -40 to 85 15,25,35 A在在线桥式整流器 Quadruple 2-Input Positive-AND Gates 14-TSSOP -40 to 85 15,25,35 A在在线桥式整流器 15,25,35A IN-LINE BRIDGE RECTIFIER 15/25/35A IN-LINE BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
MM88C30N MM88C29 MM88C29N MM88C30 MM88C30M MM88C30 |
Dual Differential Line Driver DUAL LINE DRIVER, PDSO14 Quad Single-Ended Line Driver . Dual Differential Line Driver From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HFCS-20 HFCS-50 HFCS-100 HFCS-10 HFCS-40-SG HFCS-A |
.050 IDC SOCKET DUAL ROW FLAT CABLE SOCKETS
|
Adam Technologies, Inc.
|