PART |
Description |
Maker |
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
2SA1666YI-UL 2SA1666YI-TR 2SC4903YL-UL 2SA1666YI-0 |
200 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.2 A, 30 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 30 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 12 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 9 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET UHF BAND, Si, RF SMALL SIGNAL, FET 3000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1 A, 60 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 20 A, 60 V, 0.095 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 100 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET 100 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.3 A, 100 V, 6.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 2 A, 20 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 900 V, 7 ohm, N-CHANNEL, Si, POWER, MOSFET 5 A, 30 V, 0.13 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. LEDtronics, Inc. Integrated Device Technology, Inc. Vishay Beyschlag Air Cost Control Mini-Circuits Moeller Electric, Corp. OSRAM GmbH Cooper Hand Tools KOA Speer Electronics,Inc. ProMOS Technologies, Inc.
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IXTQ18N60P IXTV18N60P |
MOSFET N-CH 600V 18A TO-3P 18 A, 600 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
|
IXYS, Corp. IXYS Corporation
|
|