PART |
Description |
Maker |
SHM60UFSMS SHM120UFSMS SHM140UFSMS SHM40UFSMS SHM8 |
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SHM120UF SHM140UF SHM40UF SHM60UF SHM80UF SHM100UF |
50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SHM120F SHM140F SHM40F SHM60F SHM80F SHM100F SHM15 |
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
3404.2411.22 3404.2422.11 |
Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
|
Schurter Inc.
|
1.5KE24ARL4 1.5KE220AG 1.5KE27ARL4G 1.5KE110ARL4G |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BGR10YS BGR7YS BGR5YS |
RESISTOR, WIRE WOUND, 10 W, 5; 10 %, 250 ppm, 0.39 ohm - 2200 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, WIRE WOUND, 7 W, 5; 10 %, 250 ppm, 0.39 ohm - 1500 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, WIRE WOUND, 5 W, 5; 10 %, 250 ppm, 0.39 ohm - 820 ohm, THROUGH HOLE MOUNT RADIAL LEADED
|
KOA Speer Electronics,Inc.
|
1.5SMC91AT3G 1.5SMC10AT3 1.5SMC11AT3 1.5SMC12AT3 1 |
1500 Watt Peak Power Zener Transient Voltage Suppressors(1500W 峰值功率齐纳抗雷管(TVS)) 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional* 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt SMC Transient Voltage Suppressors 10 V Unidir 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// ONSEMI[ON Semiconductor]
|
MC14049B MC14050B ON0861 MC14049BCL MC14050BD |
4000/14000/40000 SERIES, HEX 1-INPUT NON-INVERT GATE, PDSO16 ORDERING INFORMATION From old datasheet system 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, CDIP16
|
ON Semi MOTOROLA INC
|
EL2180C EL2280C EL2480C |
250 MHz/3 mA Single Current Mode Feedback Amplifier(250 MHz/3 mA,单路电流模式反馈放大器) 250 MHz/3 mA Dual Current Mode Feedback Amplifier(250 MHz/3 mA,双路电流模式反馈放大器) 250 MHz/3 mA Quad Current Mode Feedback Amplifier(250 MHz/3 mA锛??璺??娴?ā寮??棣??澶у?)
|
Elantec Semiconductor
|
JANS1N4959DUS JANS1N4966DUS CD74HC280MTE4 JANS1N66 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆)
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE
|