PART |
Description |
Maker |
A-DIO-FS08 |
ASS 3563 CO
|
Assmann Electronics Inc...
|
EVAL-ADG936EB ADG936 ADG936BCP ADG936BCP-500RL7 AD |
Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT 宽带4千兆赫,36千兆赫的CMOS 1.65 V分贝.75 V的隔离,双路SPDT Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, QCC20
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
GENE-8315 TF-GENE-8315-A10-01 TF-GENE-8315-A10-02 |
Onboard Intel? ULV Celeron? M 600 MHz/ 1.0 GHz or Intel? Celeron? M 1.3 GHz (Optional)/ 1.5 GHz Processors
|
AAEON Technology
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
UPG2163T5N-E2 UPG2163T5N |
GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
|
NEC Corp. NEC[NEC]
|
PE-W90TF006-24 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
ADW54011Z-0REEL7 EVAL-ADG904EBZ EVAL-ADG904REBZ |
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
|
Analog Devices
|
MAMX-008611-TR1000 MAMX-008611-TR3000 MAMX-008611 |
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
|
MACOM[Tyco Electronics]
|
PEWCP1048 |
WR-62 30 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
|
Pasternack Enterprises,...
|
HMMC-5027 |
2 -26.5 GHz Broadband Traveling Wave Amplifier(2 -26.5 GHz 宽频行波放大器(用于中等功率
|
Agilent(Hewlett-Packard)
|
PE6815 PE6815-16 |
2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
AGR21030EF |
30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|