PART |
Description |
Maker |
W49L102P-70B W49L102Q-90 W49L102Q-90B W49L102Q-70 |
64K X 16 CMOS 3.3V FLASH MEMORY MB 26C 26#20 SKT RECP MB 4C 4#12 PIN RECP MB 15C 14#20 1#16 PIN RECP MB 19C 19#20 SKT RECP MB 19C 19#20 PIN RECP 64K×16bit CMOS 3.3V Flash Memory(64K×16位以3.3V电源供电的CMOS闪速存储器) MB 26C 26#20 PIN RECP 64K X 16 FLASH 3.3V PROM, 90 ns, PDSO40
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
PIC18LF13K50-E_P PIC18LF13K50-E_SO PIC18LF13K50-E_ |
20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC20 5 X 5 MM, 0.90 MM HEIGHT, PLASTIC, QFN-20
|
Microchip Technology http://
|
PIC18F1230-I/MLSQTP PIC18F1330-I/ML PIC18F1330-I/M |
18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D 18/20/28-Pin,增强型闪存微控制器与纳瓦技术,高性能PWM和A / D转换
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
C8051F351 |
50 MIPS, 8 kB Flash, 24-Bit ADC, 28-Pin Mixed-Signal MCU 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC28
|
Silicon Laboratories, Inc.
|
PIC24FJ256DA210T-I/BG PIC24FJ256DA206T-I/BG PIC24F |
64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG) 16-BIT, FLASH, 32 MHz, MICROCONTROLLER, PQCC64
|
Microchip Technology
|
PIC18LF2620-I/SP PIC18F2620ISO PIC18F4620ISO PIC18 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
MF601G2-02BJXX MF6512M-02BJXX MF6128M-02BJXX MF664 |
2.5" Flash Drive IDE ATA 44-pin 1,219,534,848 bytes (memory) flash drive
|
Mitsubishi Electric Corporation
|
PIC12F629-I_MF PIC12F629-I_P PIC12F629-I_SN PIC12F |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
LH28F016SCHB LH28F016SCHB-L95 LHF16C13 LH28F016SCR |
LH28F016SCHSR-L120 16M (2M x 8)Smart Voltage Flash Memory 40 pin STSOP LH28F016SCHSR-L150 16M (2M x 8)Smart Voltage Flash Memory 40 pin STSOP LH28F016SCN-L100 16M (2M x 8)Smart Voltage Flash Memory 16Mbit Flash Memory LH28F016SCR-L100 16M (2M x 8)Smart Voltage Flash Memory LH28F016SCR-L120 16M (2M x 8)Smart Voltage Flash Memory LH28F016SCR-L95 16M (2M x 8)Smart Voltage Flash Memory LH28F016SCHSR-L100 16M (2M x 8)Smart Voltage Flash Memory 40 pin STSOP
|
SHARP[Sharp Electrionic Components]
|
PIC18F6310 PIC18F8310 PIC18LF8410I/PTQTP PIC18LF84 |
64/80-Pin Flash Microcontrollers with nanoWatt Technology PIC18F Microcontroller with 8K bytes of Flash and 768 bytes of RAM. The PIC18F8410 features make it ideal for manufacturing equipment, ...
|
Microchip Technology Inc.
|