PART |
Description |
Maker |
CXD2044Q |
Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
|
SONY[Sony Corporation]
|
OV05116-C21A |
CMOS CAMERACHIP with PAL Analog Output
|
OmniVision Technologies, Inc.
|
XPC8245LZU300D XPC8245LZU266D XPC8245LZU333D XPC82 |
32-BIT, 300 MHz, RISC PROCESSOR, PBGA352 TBGA-352 32-BIT, 266 MHz, RISC PROCESSOR, PBGA352 TBGA-352 32-BIT, 333 MHz, RISC PROCESSOR, PBGA352 TBGA-352 32-BIT, 350 MHz, RISC PROCESSOR, PBGA352 TBGA-352
|
Motorola Mobility Holdings, Inc.
|
TW8807 |
LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
|
Intersil Corporation
|
SI2176 |
Worldwide hybrid TV tuner Analog TV NTSC, PAL SECAM Digital TV ATSC QAM, DVB-T T2 C, ISDB-T C, DTMB
|
Silicon Laboratories
|
XPC8245LZU333B XPC8245LZU300B XPC8245LZU350B XPC82 |
32-BIT, 333 MHz, RISC PROCESSOR, PBGA352 35 X 35 MM, 1.70 MM HEIGHT, 1.27 MM PITCH, CAVITY-UP, TBGA-352 32-BIT, 300 MHz, RISC PROCESSOR, PBGA352 35 X 35 MM, 1.70 MM HEIGHT, 1.27 MM PITCH, CAVITY-UP, TBGA-352 32-BIT, 350 MHz, RISC PROCESSOR, PBGA352 35 X 35 MM, 1.70 MM HEIGHT, 1.27 MM PITCH, CAVITY-UP, TBGA-352 32-BIT, 266 MHz, RISC PROCESSOR, PBGA352 35 X 35 MM, 1.70 MM HEIGHT, 1.27 MM PITCH, CAVITY-UP, TBGA-352
|
Motorola Mobility Holdings, Inc. Freescale Semiconductor, Inc. MOTOROLA INC
|
224001 289 22503.5 224.100 224.125 224.250 224.375 |
Tactile Switch; Circuitry:SPST-NO; Switch Operation:(On); Contact Current Max:10mA; Contact Rating:10mA at 12V; Mounting Type:PCB; Switch Function:SPST-NO 2AG快速代理型224/225/288/289系列 Mini lighted green DPST, "o -" 2AG快速代理型224/225/288/289系列 2AG Fast-Acting Type 224/225/288/289 Series 2AG快速代理型224/225/288/289系列 Mini non-lighted DPST, unprinted Mini lighted green DPST, unprinted Optical Mouse; Color:Silver; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes SWITCH SPST KEYPAD CHERRY
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
HX430C16PBK4-64 |
DDR4-288- DDR4 3000 CL16 288 Pin DIMM
|
List of Unclassifed Man...
|
TW8816B3 |
LCD Flat Panel Processor with Built-in MCU,NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
|
Intersil Corporation
|
TW8816 |
LCD Flat Panel Processor with built-in MCU,NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
|
Intersil Corporation
|
VTC1-J51A-12M250 VTC1-J51E-12M250 VTC1-J51C-12M250 |
TCVCXO, CLOCK, 12.25 MHz, CMOS OUTPUT TCVCXO, CLIPPED SINE OUTPUT, 25 MHz TCVCXO, CLIPPED SINE OUTPUT, 32 MHz TCVCXO, CLIPPED SINE OUTPUT, 38.4 MHz TCVCXO, CLOCK, 14.85 MHz, CMOS OUTPUT TCVCXO, CLIPPED SINE OUTPUT, 14.617188 MHz TCVCXO, CLIPPED SINE OUTPUT, 12.58 MHz TCVCXO, CLIPPED SINE OUTPUT, 12 MHz TCVCXO, CLIPPED SINE OUTPUT, 16.367667 MHz TCVCXO, CLOCK, 12.688375 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11.2896 MHz, CMOS OUTPUT TCVCXO, CLIPPED SINE OUTPUT, 12.288 MHz TCVCXO, CLOCK, 10 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10.245 MHz, CMOS OUTPUT TCVCXO, CLIPPED SINE OUTPUT, 12.352 MHz TCVCXO, CLIPPED SINE OUTPUT, 12.8 MHz TCVCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCVCXO, CLIPPED SINE OUTPUT, 12.6 MHz TCVCXO, CLIPPED SINE OUTPUT, 23.09 MHz TCVCXO, CLIPPED SINE OUTPUT, 12.5 MHz TCVCXO, CLIPPED SINE OUTPUT, 11.2896 MHz TCVCXO, CLIPPED SINE OUTPUT, 12.25 MHz TCVCXO, CLIPPED SINE OUTPUT, 26 MHz TCVCXO, CLIPPED SINE OUTPUT, 10 MHz TCVCXO, CLIPPED SINE OUTPUT, 22.368 MHz TCVCXO, CLIPPED SINE OUTPUT, 11.0592 MHz TCVCXO, CLIPPED SINE OUTPUT, 16.384 MHz TCVCXO, CLIPPED SINE OUTPUT, 33 MHz TCVCXO, CLIPPED SINE OUTPUT, 10.245 MHz TCVCXO, CLIPPED SINE OUTPUT, 10.001355 MHz TCVCXO, CLIPPED SINE OUTPUT, 14.318 MHz TCVCXO, CLIPPED SINE OUTPUT, 14.85 MHz TCVCXO, CLIPPED SINE OUTPUT, 14.5 MHz TCVCXO, CLIPPED SINE OUTPUT, 12.504 MHz TCVCXO, CLIPPED SINE OUTPUT, 16 MHz TCVCXO, CLIPPED SINE OUTPUT, 16.8 MHz TCVCXO, CLIPPED SINE OUTPUT, 14.4 MHz TCVCXO, CLIPPED SINE OUTPUT, 15.36 MHz TCVCXO, CLOCK, 21.25 MHz, CMOS OUTPUT TCVCXO, CLIPPED SINE OUTPUT, 21.25 MHz TCVCXO, CLIPPED SINE OUTPUT, 20 MHz TCVCXO, CLIPPED SINE OUTPUT, 40 MHz TCVCXO, CLIPPED SINE OUTPUT, 20.25 MHz TCVCXO, CLOCK, 12.5 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11.0592 MHz, CMOS OUTPUT TCVCXO, CLIPPED SINE OUTPUT, 24.5535 MHz TCVCXO, CLIPPED SINE OUTPUT, 10.0001355 MHz TCVCXO, CLIPPED SINE OUTPUT, 10.24 MHz TCVCXO, CLIPPED SINE OUTPUT, 24 MHz TCVCXO, CLIPPED SINE OUTPUT, 24.8064 MHz TCVCXO, CLIPPED SINE OUTPUT, 19 MHz TCVCXO, CLIPPED SINE OUTPUT, 19.8 MHz TCVCXO, CLIPPED SINE OUTPUT, 19.2 MHz
|
VECTRON INTERNATIONAL
|
|