PART |
Description |
Maker |
MUR1620CT |
(MUR1620CT - MUR1660CT) Switchmode Power Rectifiers
|
Luguang Electronic
|
MUR1620CT MUR1610CT |
(MUR1610CT - MUR1660CT) ULTRAFAST RECTIFIERS
|
ON Semiconductor
|
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
QD5C090-50 CJ5C090-50 CJ5C090-60 LD5C090-60 MD5C09 |
Rotary Switch; No. of Switch Positions:5; Circuitry:DPST; Contact Current Max:250mA; Contact Rating:250mA at 125VAC; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Flatted Actuator; Switch Function:DPST UV-Erasable/OTP PLD UV-Erasable/OTP可编程逻辑器件
|
TE Connectivity, Ltd.
|
2-2WI-1200S16 2-2WI-1200 2-2WI-1200S-16 |
1600 V, 1290 A, 12.5 kA water cooled A.C.switch 水冷式交流开 Computer Keyboard; No. of Keys:104; Color:Beige; Output Type:PS/2 RoHS Compliant: Yes WATERCOOLEDA.C.SWITCH WATER COOLED A.C. SWITCH
|
POSEICO SPA PowerSemiconductors POSEICO[Power Semiconductors]
|
TP48UW5S2000M |
Pushbutton Switch; Illumination:Non-Illuminated; Actuator Style:Round; Actuator Diameter:1.32mm; Circuitry:SPST; Switch Operation:Off-(On); Switch Terminals:Through Hole; Actuator Height:1.98mm; Contact Rating:0.4 VA RoHS Compliant: Yes 模拟IC
|
Atmel, Corp.
|
BTS410D2 BTS410-D2 BTS410D2E3043 BTS410D2E3062A Q6 |
PROFET Smart High Side Power Switch Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown) From old datasheet system Smart Highside Power Switch 12 A BUF OR INV BASED PRPHL DRVR, PSFM5 Smart Highside Power Switch 智能阻抗高侧电源开
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
FSA3157P6X-NL NC7SB3157P6X-NL FSA3157 FSA3157L6X F |
Low Voltage SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
H22A6 |
Slotted Optical Switch; Package: Slotted Switch H22; No of Pins: 4; Container: Rail 3.15 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH TRANSISTOR OUTPUT
|
Fairchild Semiconductor, Corp.
|
IH5019 IH5019CDD IH5019CDE IH5019CPA IH5019CPD IH5 |
Virtual Ground Analog Switch Virtual Ground Analog Switch 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP8 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, CDIP14 Virtual Ground Analog Switch 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP14 Virtual Ground Analog Switch 虚拟地面模拟开 RES, 1206, TF, 1R, 5%, 1/4W 虚拟地面模拟开 RES, 2K OHM 1% 1/8W DSUB 17W5 F PCB G50 3-channel; 30V; 10mA; 500mW; virtual ground analog switch
|
Intersil, Corp. INTERSIL[Intersil Corporation] Harris Semiconductor
|
DG387BDJ-E3 DG381BDJ-E3 DG384BDJ-E3 |
DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP14 DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP14 ANLG SW DUAL SPST 22V/36V 14PDIP - Bulk IC SWITCH DUAL CMOS 14DIP Analog Switch Dual DPST 16-Pin PDIP
|
VISHAY SILICONIX
|