PART |
Description |
Maker |
MCL50 MCL30 MCL35 MCL3 MCL3-5 |
(MCL1 - MCL50) Edison Fuses - General Purpose Midget Class MCL
|
ETC
|
261-990-95 261-990-95-38 261-993-95 261-993-95-38 |
Direct replacement for T3 ? Midget Edison Screw E10
|
Marl International Limited
|
CY14X51G12 CY14X51G16 CY14X51G2 CY14X51G40 CY14X51 |
Cylindrical Fuses 圆柱保险 Fuses, 80mA 250V F IEC GLASS LEAD
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
0034.0911.PT |
Fuse Misc, Non resettable fuses, Miniature Fuses, Type SA 5x20
|
Schurter, Inc.
|
BSD-1293-003AX BSD-1293-001AX BSD-1293-941BX BSD-1 |
0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
|
LEDTRONICS[LEDTRONICS, INC]
|
DBCFG1QB200 DBCFG1QB315 DBCFG1QB100 DBCFG1QB250 DB |
FUSES 5x20mm GLASS FUSES - QUICK BLOW
|
http:// Dubilier
|
5MT1 5MTP1.6-R 5MT200-R 5MTP3.5-R |
Fuses, RoHS 3.5A 125V M UL GLASS LEAD Fuses, 1A 250V M UL GLASS 5X20 Fuses, RoHS 1.6A 250V M UL GLASS LEAD MEDIUM BLOW ELECTRIC FUSE, 1.6A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 200mA 250V M UL GLASS 5X20 MEDIUM BLOW ELECTRIC FUSE, 0.2A, 125VAC, 10000A (IR), INLINE/HOLDER
|
BEL FUSE INC Bel Fuse, Inc.
|
0496060 04960601 0496150 0496125 0496200 0496100 0 |
CABLEPRO㈢ Cable Protector Fuses Rated 32V CABLEPRO? Cable Protector Fuses Rated 32V CABLEPRO庐 Cable Protector Fuses Rated 32V CABLEPRO垄莽 Cable Protector Fuses Rated 32V
|
Littelfuse
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
3SBP3 3SBP5 3SB8 3SBP375 3SB500 3SB200 3SB4 3SBP80 |
Fuses, 3A 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), THROUGH HOLE Fuses, 5A 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Fuses, 8A 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, 375mA 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 0.38A, 250VAC, 35A (IR), THROUGH HOLE Fuses, 500mA 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 200mA 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 0.2A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 4A 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 4A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, 80mA 250V SB GLASS LEADED
|
Bel Fuse, Inc. BEL FUSE INC
|
C5750Y5V1H105ZT C3225X5R0J105KB C3225X5R0J105MB C3 |
Fuses, 2A 250V T IEC GLASS LEAD 陶瓷电容 IC, BCM8704, SERIAL 10-GIGABIT ETHERNET/ 陶瓷电容 Fuses, 630mA 250V T IEC GLASS LEAD 陶瓷电容 Ceramic Capacitors 陶瓷电容 Fuses, 8A 250V T IEC GLASS LEAD Fuses, 2.51A 250V T IEC GLASS LEAD Circular Connector; No. of Contacts:34; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-34 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:34; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-34 Fuses, Slow blow cartridge type Fuses, 125mA 250V T IEC GLASS LEAD Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight From old datasheet system
|
TDK, Corp. Samsung Semiconductor Co., Ltd. TDK Corporation TDK[TDK Electronics]
|
|