PART |
Description |
Maker |
MC9S12DT256C MC9S12DT256B MC9S12DG256C 9S12DP256BD |
9S12Dx256B Device Guide. also covers C derivatives and 9S12Ax256 devices device made up of standard HCS12 blocks and the HCS12 processor core 设备组成水平的HCS12块和HCS12的处理器核心
|
ETC 飞思卡尔半导体(中国)有限公司
|
46012-3241 45750-1211 |
MF PLUS HCS CRIMP TERM MALE 16GA GOLD COPPER ALLOY, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL MF PLUS HCS CRIMP TERM. FEM 18-20 GA GLD
|
Molex, Inc. MOLEX INC
|
44475-1811 44475-0621 44475-1011 44475-2411 44475- |
MiniFit HCS Rcpt Hdr DR V-2 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-0 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 24Ckt 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 4Ckt 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
SPODU550M SPODU550M2 SPODU550MR |
Standard and Universal Surge Protective Device Modules
|
Cooper Bussmann, Inc.
|
EM4033 |
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
|
EM Microelectronic - MA... EM Microelectronic - MARIN SA
|
EM4233 |
2k bit Read/Write High Secure ISO15693 Standard Compliant Device
|
EM Microelectronic - MARIN SA
|
BTA41-400 BTA41-400B BTA41-700B BTA41A BTA41B BTB4 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82% 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC Standard triac, 40Ampere, 700V
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
2203142 |
Item is from the HCS product range
|
PHOENIX CONTACT
|
RCR2325 |
3V Lithium Battery Swiss Made
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
BD-E522RD |
green CHIPS, WHICH ARE MADE FROM GAAIAS ON GAP substrate
|
BRIGHT LED ELECTRONICS CORP
|