PART |
Description |
Maker |
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
AME8750 |
Low-Dropout
150mA / 150mA Dual CMOS Regulator
|
AME
|
KNF32025-W3 KNF32025-X3 KNF32200-X3 KNF32050-W3 |
1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILTER EMI 50MHZ 150MA 130PF 25V SMD-1206 SN100 TR-7-PL
|
AVX CORP
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AAT3220IGY-1.8-T1 AAT3220IGY-2.5-T1 AAT3220IGY-2.0 |
150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPower??LDO Linear Regulator
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|
AAT3220IQY-3.5-T1 AAT3220 AAT3220IGY-1.8-T1 AAT322 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
AM2833 AM2833PC AM2833DM AM2533 AM2533DC AM2533V A |
Voltage Regulator IC; Output Current:150mA; Output Voltage:2.5V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.5V 1024 Bit Static Shift Registers 1024-Bit Static Shift Registers
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AAT3216IJS-2.8-T1 AAT3216IJS-1.5-T1 AAT3216IJS-1.8 |
150mA MicroPower⑩ LDO with PowerOK 150mA MicroPower垄芒 LDO with PowerOK
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
MIC5301-2.1YD5 MIC5301-1.3YD5 MIC5301-2.9YD5 MIC53 |
Single, 150mA 渭Cap ULDO Single, 150mA μCap ULDO
|
Micrel Semiconductor
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MIC5247-1.85BM5 MIC5247-1.85BML MIC5247-1.85YM5 MI |
150mA Low-Voltage 渭Cap Linear Regulator 150mA Low-Voltage μCap Linear Regulator 1.85 V FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor MICREL INC
|
ACT-S512K8N-025F4Q ACT-S512K8N-025F4C ACT-S512K8N- |
IpSec Security Processor Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers with Open-Collector Outputs 16-SO 0 to 70 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-PDIP 0 to 70 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SO 0 to 70 NAMEPLATE, YEL; Colour:Yellow Name Plate RoHS Compliant: Yes ACT-S512K8 High Speed 4 Megabit Monolithic SRAM 行为S512K8高速SRAM兆位单片 512K X 8 CACHE SRAM, 35 ns, CDSO36 0.435 X 0.920 INCH, 0.184 INCH HEIGHT, HERMETIC SEALED, CERAMIC, SOJ-36
|
Aeroflex Inc. Aeroflex, Inc.
|