PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
CLS4D28NP-2R2NB CLS4D28NP-2R2NC CLS4D28NP-1R5NB CL |
Power Inductor & 2 in 1 Transformer < CLS Series> 2 ELEMENT, 5.2 uH, GENERAL PURPOSE INDUCTOR, SMD Power Inductor & 2 in 1 Transformer < CLS Series> 2 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR, SMD Power Inductor & 2 in 1 Transformer CLS Series Power Inductor & 2 in 1 Transformer < CLS Series
|
Sumida, Corp. Sumida Corporation
|
0395-T004 LC-12 |
General Power Transformer , Pin Type: LC Series General Power Transformer Type: LC Series
|
Sumida Corporation
|
EE2520H 3307-631 |
General Power Transformer , Pin Type:EE Series General Power Transformer Type:EE Series
|
Sumida Corporation
|
EI-19106 3377-T061 EI-191 |
General Power Transformer General Power Transformer Type: EI Series
|
http:// Sumida Corporation
|
ERH2826MS |
General Power Transformer , Pin Type: ERH Series General Power Transformer Type: ERH Series
|
Sumida Corporation
|
GDT1310 |
Gate Driver Transformer Gate Driver Transformer Type: GDT Series
|
Sumida Corporation
|
U01-048 EEH3425MS EEH3425 |
General Power Transformer , Pin Type:EEH Series General Power Transformer Type:EEH Series
|
Sumida Corporation
|
EER-137 |
General Power Transformer , Pin Type : EER Series General Power Transformer Type : EER Series
|
Sumida Corporation
|
CEI-128 CEI-1281 |
General Power TransformerGeneral Power Transformer Type: CEI Series
|
Sumida Corporation
|
MABA-009484-ETC31TV3 |
E-Series RF 1:3 Transformer
|
M/A-COM Technology Solutions, Inc.
|