PART |
Description |
Maker |
IRMCK201 |
Complete AC servo motor control IC one-chip solution for complete closed loop current control and velocity control for a high performance servo drive system.
|
International Rectifier
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
IDT54FCT373TDB |
XPhase Control IC VR10 VR11 and Opteron/Athlon64 Control IC 8D型锁存器
|
Atmel, Corp.
|
LC7536R |
High Breakdown Voltage Serial Control Electronic Volume Control
|
SANYO[Sanyo Semicon Device]
|
LS7541 |
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
|
LSI[LSI Computer Systems]
|
TDA3505 TDA3506 |
Video control combination circuit with automatic cut-off control
|
PHILIPS[Philips Semiconductors]
|
TDA3505 |
Video control combination circuit with automatic cut-off control
|
http://
|
TDA4580 |
Video control combination circuit with automatic cut-off control
|
Philips Semiconductors
|
M521 |
Positive Voltage Control of GaAs MMIC Control Devices
|
M/A-COM Technology Solutions, Inc.
|
M51660 M51660L M51660E |
SERVO MOTOR CONTROL FOR RADIO CONTROL From old datasheet system
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
IR3084UMPBF |
XPhase Control IC VR10 VR11 and Opteron/Athlon64 Control IC
|
International Rectifier
|
AN5270 |
4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
|
PANASONIC[Panasonic Semiconductor]
|