PART |
Description |
Maker |
IMP1815 IMP1817 IMP1816 IMP1812 IMP1811 IMP1810 IM |
Low Poower, 5V µP Reset, Power Management Low Poower, 3.3V µP Reset, Power Management Lo Low P w Po ow wer er, 5V , 5V µ µP P Reset From old datasheet system
|
iMP
|
MAX6388XS16D3T MAX6383LT17D6 MAX6383LT17D6T MAX638 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
MAXIM - Dallas Semiconductor
|
44914-0801 44914-0802 44914-0803 44914-0201 44914- |
3.00mm (.118隆卤) Pitch Micro-Fit 3.0, CPI垄芒 Micro-Fit 3.0, BMI垄芒 CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI Micro-Fit 3.0, BMI CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI?/a> Micro-Fit 3.0, BMI?/a> CPI Vertical Headers MicroFit 3.0 Header Vert CPI 12 ckt 569 12 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Header Vert CPI 8ckt 121 8 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT 452802201 22 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT
|
Molex Electronics Ltd. Molex, Inc.
|
1PK-501A 1PK-501C 1PK-501B 1PK-501D 1PK-501E |
PLIERS MICRO CUTTING 90MM PLIERS MICRO BENT NOSE 100MM PLIERS MICRO FLAT NOSE 100MM PLIERS MICRO ROUND NOSE 100MM PLIERS MICRO LONG NOSE 100MM 钳微大鼻00万亿
|
Kingbright, Corp.
|
TL431AIDM TL431B TL431A TL431 TL431ACDM TL431ACLP |
PRECISION PROGRAMMABLE REFERENCES EMI//RFI Multipurpose Power Line Filter, 2-Stage, DV Series, 330 kohm Resistance, 5500 pF C y, 3 Amp Current, 0.22 micro F,C 1, 0.22 micro F C 2 From old datasheet system Voltage Reference - Programmable
|
MICROSEMI[Microsemi Corporation]
|
SBTC-2-15-75_75L SBTC-2-15-75 SBTC-2-15-75L SBTC-2 |
Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-075з 500 to 1500 MHz 500 MHz - 1500 MHz RF/MICROWAVE COMBINER, 1.5 dB INSERTION LOSS Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-075з 500 to 1500 MHz 表面贴装,微小型电源分配合路2路,0Σ75з500年至1500兆赫 Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-075з 500 to 1500 MHz 500 MHz - 1500 MHz RF/MICROWAVE SPLITTER AND COMBINER, 1.5 dB INSERTION LOSS Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0° 75 500 to 1500 MHz Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0∑ 75з 500 to 1500 MHz Surface Mount/ Micro-Miniature Power Splitter/Combiners 2 Way-0 75 500 to 1500 MHz
|
MINI[Mini-Circuits]
|
2-794618-2 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 22POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
S3C2510A |
16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
2SD1658 E001148 |
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS) From old datasheet system MICRO MOTOR DRIVE, HAMMER DRIVE APPLICATIONS SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
RT9819G-12GQW RT9819G-12PQW |
Micro-Power Voltage Detectors
|
Richtek Technology Corp...
|
AT1309 AT1309X-GRE AT1309X |
Micro-Power Step up DC-DC Converter
|
AIMTRON[Aimtron Technology]
|