PART |
Description |
Maker |
KM23C16000CET |
16M-Bit (2Mx8 /1Mx16)CMOS Mask ROM(16M(2Mx8 /1Mx16) CMOS掩膜ROM) 1,600位(2Mx8 / 1Mx16)的CMOS掩模ROM,600位(2Mx8 / 1Mx16)的CMOS掩膜光盘
|
Samsung Semiconductor Co., Ltd.
|
K3P5VU1000F-DGCTC |
16M-Bit (2Mx8 /1Mx16) CMOS MASK ROM Data Sheet
|
Samsung Electronic
|
K3N5C1000E-DGCTC K3N5C1000E-DC120 |
16M-Bit (2Mx8 /1Mx16) CMOS MASK ROM Data Sheet
|
Samsung Electronic
|
MX29LV160BBTC-70 MX29LV160BTTC-70 MX29LV160B MX29L |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MCNIX[Macronix International]
|
MX29LV160BBXBC-70G MX29LV160BBTC-90 MX29LV160BBTI- |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
Macronix International
|
MX29LV160ABXBI-70 MX29LV160BXBI-70 MX29LV160TXBI-7 |
1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MACRONIX INTERNATIONAL CO LTD Macronix International Co., Ltd. http://
|
HY23V16202T HY23V16202 HY23V16202D HY23V16202F HY2 |
1MX16/2MX8 BIT CMOS MASK ROM
|
List of Unclassifed Manufacturers ETC[ETC]
|
MBM29DL161BE MBM29DL161BE-12 MBM29DL161BE-70 MBM29 |
16M (2MX8/1MX16) BIT DUAL OPERATION 16M (2M X 8/1M X 16) BIT Dual Operation
|
FUJITSU[Fujitsu Media Devices Limited]
|
HY29LV160 HY29LV160BF-12 HY29LV160BF-12I HY29LV160 |
IC,EEPROM,NOR FLASH,1MX16/2MX8,CMOS,TSSOP,48PIN,PLASTIC 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
|
HYNIX[Hynix Semiconductor]
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
AS4LC2M8S1 AS4LC2M8S1-10TC AS4LC2M8S1-12TC AS4LC2M |
3.3V 2Mx8 / 1Mx16 CMOS synchronous DRAM 3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
|
ALSC[Alliance Semiconductor Corporation]
|