PART |
Description |
Maker |
MBR1040CT |
10 Am p Schott ky Barrier Rectifier 30-60 Volts
|
Micro Commercial Components
|
MBR1080CT MBR10100CT |
10 Am p Schott ky Barrier Rectifier 80-100 Volts
|
MCC[Micro Commercial Components]
|
MBR10100CT |
10AMp Schott ky Barrier Rectifier 80-100 Volts
|
Kersemi Electronic Co., Ltd.
|
BTA10-600B BTA10-600BW BTA10-600C BTA10-600CW BTA1 |
10A triac, 600V Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 10A TRIACS 10A条双向可控硅 10A triac, 800V
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|
30PUB60 |
Miniature Power Relay, 1 Form C, 10A 250VAC 10A 125VAC, 6A 277VAC DIODE - 3A 600V 27ns
|
NIEC[Nihon Inter Electronics Corporation]
|
MRB31-3.5-V |
Standard : UL - IEC 300V - 250V 10A - 10A
|
Eldeco Srl
|
BLH31-H |
Standard : UL - IEC 300V-130V 10A-10A
|
Eldeco Srl
|
JMK316BJ226ML-T501 LTM4600EV LTM4600IV LTM460006 L |
10A High Effi ciency DC/DC 渭Module 10A High Effi ciency DC/DC μModule 10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -40°C to 85°C 10A High Effi ciency DC/DC μModule
|
Linear Technology LINEAR TECHNOLOGY CORP
|
SB100-09K |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 10A Rectifier 90V 10A Rectifier
|
SANYO[Sanyo Semicon Device]
|
S48SP15002NRFA S48SP3R310NNFA S48SP3R310NMFB S48SP |
Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out 德尔福系列S48SP5Wx1砖DC / DC电源模块:在48V电压.3V/10A Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out 德尔福系S48SP5W1x1砖DC / DC电源模块:在48V电压.3V/10A Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out 德尔福系S48SP5Wx1砖DC / DC电源模块:在48V电压.3V/10A
|
Bourns, Inc. Delta Electronics, Inc. Xiamen Hongfa Electroacoustic Co., Ltd.
|
DD22.6321.1111 DD22.9121.1111 |
DD22 POWER ENTRY MODULE W. FILTER 6A M5 6A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER FILTER, IEC, 10A, 2P SWITCH FUSE; Current rating:10A; Temp, op. max:85(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes 10A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|