PART |
Description |
Maker |
MAX2065 |
50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
|
Maxim Integrated Products
|
MAX2014V1 MAX2014EUA MAX2014EUAT |
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
|
Maxim Integrated Products
|
LT1361 LT1361CN8 LT1361CS8 LT1362 LT1362CN LT1362C |
Dual and Quad 50MHz/ 800V/us Op Amps OCTAL BUFFERS AND LINE DRIVERS 20-SO 0 to 70 Dual and Quad 50MHz, 800V/us Op Amps From old datasheet system Dual and Quad 50MHz, 800V/s Op Amps Dual and Quad 50MHz, 800V/µs Op Amps
|
Linear Technology Corporation LINER[Linear Technology]
|
CGA-6618 CGA-6618Z |
DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
|
RF Micro Devices
|
UJA1078A |
High-speed CAN/dual LIN core system basis chip
|
NXP
|
S10040200P |
GaAs Push Pull Hybrid 40 - 1000MHz 20dB min. Gain @ 1000MHz 260mA max. @ 24VDC
|
PREMIER DEVICES, INC.
|
S10040240P |
GaAs Push Pull Hybrid 40 - 1000MHz 24.0dB min. Gain @ 1000MHz 255mA max. @ 24VDC
|
PREMIER DEVICES, INC.
|
3310H-3-103 3310H-3-503 3310H-3-203 3310H-3-104 PC |
DREHPOTENTIOMETER 3.18MM SCHA 10K 0.025W Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset DREHPOTENTIOMETER 3.18MM SCHA 20K 0.025W DREHPOTENTIOMETER 3.18MM SCHA100K 0.025W DREHPOTENTIOMETER 3.18MM ZWEI 5K 0.025W DREHPOTENTIOMETER 3.18MM ZWEI 1M 0.025W DREHPOTENTIOMETER 3.18MM ZWEI 10K 0.025W DREHPOTENTIOMETER 3.18MM ZWEI100K 0.025W DREHPOTENTIOMETER 3.18MM STE 100K 0.025W DREHPOTENTIOMETER 3.18MM STE 2K 0.025W DREHPOTENTIOMETER 3.18MM STE 20K 0.025W DREHPOTENTIOMETER 3.18MM STE 200K 0.025W DREHPOTENTIOMETER 3.18MM STE 1K 0.025W DREHPOTENTIOMETER EIN LOG 6.35MM 1K 0.5W DREHPOTENTIOMETER 3.18MM ZWEI 20K 0.025W POTENTIOMETER STEREOLOG 6.35MM 10K 0.25W DREHPOTENTIOMETER 3.18MM LIE 50K 0.025W Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits POTENTIOMETER STEREO LIN 6.35MM 10K 0.5W DREHPOTENTIOMETER EIN LIN 6.35MM 5K 1W DREHPOTENTIOMETER EIN LIN 6.35MM 1K 1W DREHPOTENTIOMETER EIN LIN 6.35MM 50K 1W DREHPOTENTIOMETER EIN LIN 6.35MM 2K5 1W DREHPOTENTIOMETER EIN LIN 6.35MM 25K 1W DREPOTENTIOMETER EINLOG 6.35MM 100K 0.5W DREPOTENTIOMETER EIN LOG 6.35MM 10K 0.5W POTENTIOMETER EIN LIN 10K STANDARD 0.75W POTENTIOMETER EIN LIN 5K STANDARD 0.75W POTENTIOMETER EIN LIN 10K MITTELRA 0.75W 电位艾因10,000 MITTELRA 0.75W POTENTIOMETER EIN LIN 1K STANDARD 0.75W 电位艾因林一千标0.75W POTENTIOMETER EIN LIN 1K MITTELRA 0.75W 电位艾因林一千MITTELRA 0.75W POTENTIOMETER EIN LIN 5K MITTELRA 0.75W 电位艾因K MITTELRA 0.75W Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset DREHPOTENTIOMETER 3.18MM谎言一0.025W DREHPOTENTIOMETER 3.18MM STEH 5K 0.025W DREHPOTENTIOMETER 3.18MM STEH 5K 0.025W DREHPOTENTIOMETER 3.18MM LIE 5K 0.025W
|
Amphenol, Corp. SIEMENS AG Bourns, Inc. Ecliptek, Corp. YEONHO Electronics Co., Ltd.
|
LT1795 LT1795CFE LT1795CSW LT1795IFE LT1795ISW |
Dual 500mA/50MHz Current Feedback Line Driver Amplifier DUAL OP-AMP, 17000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO20
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
MM908E621ACDWB_R2 MM908E621ACDWB MM908E621ACDWBR2 |
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
|
Freescale Semiconductor, Inc
|
MM908E62108 |
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
|
Freescale Semiconductor, Inc
|