PART |
Description |
Maker |
LT1192_01 LT1192 LT1192CJ8 LT1192CN8 LT1192CS8 LT1 |
Ultra High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C VIDEO AMPLIFIER, PDSO8 Ultrahigh Speed Operational Amplifier
|
Linear Technology, Corp. LINER[Linear Technology] http://
|
LT146809 LT1468CDDTRPBF LT1468IDDTRPBF LT1468AIDDT |
16-Bit Accurate Operational Amplifi er 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 500 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1813HVCS8 LT1813HVIS8 LT1814CGN LT1814IGN LT1813 |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/刁 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/庐 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/? Operational Amplifiers
|
Linear Technology, Corp.
|
LM2902VD LM2902V LM2902 LM324A LM324 LM224 LM324AD |
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS From old datasheet system Advanced LinCMOS(TM) Low-Noise Chopper-Stabilized Operational Amplifier 8-PDIP Quad Low Power operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
ON Semi MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc.
|
MAX420 MAX420CPA MAX420CPD MAX420CWE MAX420EPA MAX |
±15V Chopper Stabilized Op Amps ±15 Volt Chopper Stabilized Operational Amplifier 15V Volt Chopper Stabilized Operational Amplifier 【15 VOLT CHOPPER STABILIZED OPERATIONAL AMPLIFIER OP-AMP|SINGLE|CMOS|SOP|16PIN|PLASTIC OP-AMP, 20 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO16 ±15V Chopper Stabilized Op Amps OP-AMP, 20 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
HS-2600RH 5962D9567101VPC HS7B-2600RH-Q HS7-2600RH |
Radiation Hardened Wideband/ High Impedance Operational Amplifier Radiation Hardened Wideband, High
Impedance Operational Amplifier(抗辐射宽带、高阻抗运算放大 CONNECTOR ACCESSORY Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 12 MHz BAND WIDTH, CDIP8 Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, CDIP8
|
Intersil Corporation Intersil, Corp. http://
|
LT1220 LT1220C LT1220CN8 LT1220CS8 LT1220M LT1220M |
XO 20MHZ 50PPM 5V 50PF-LOAD SMD-7050 TR-7-PL OP-AMP, 4000 uV OFFSET-MAX, 45 MHz BAND WIDTH, CDIP8 45MHz/ 250V/us Operational Amplifier 45MHz, 250V/us Operational Amplifier 45MHz, 250V/ms Operational Amplifier From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1468CDD-2PBF LT1468CDD-2TRPBF LT1468-209 LT1468A |
16-Bit DAC Current-to-Voltage Converter 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
MAX4253EUB MAX4257ESA MAX4254ESD MAX4253EBB-T MAX4 |
OP-AMP|DUAL|BICMOS|TSSOP|10PIN|PLASTIC OP-AMP|DUAL|BICMOS|SOP|8PIN|PLASTIC OP-AMP|QUAD|BICMOS|SOP|14PIN|PLASTIC Operational Amplifier OP-AMP, 750 uV OFFSET-MAX, 3 MHz BAND WIDTH, PBGA8
|
Maxim Integrated Products, Inc. 运算放大
|
MC34001 MC34001D MC34001BP MC34004 |
(MC34001 - MC34004) JFET INPUT OPERATIONAL AMPLIFIERS JFET INPUT OPERATIONAL AMPLIFIERS OP-AMP, 13000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO8 JFET INPUT OPERATIONAL AMPLIFIERS OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP8
|
Motorola Mobility Holdings, Inc. ON Semiconductor
|