PART |
Description |
Maker |
HIP4081A HIP4081AIB HIP4081AIP |
30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 80V/2.5A峰值,高频全桥FET驱动 80V/2.5A Peak/ High Frequency Full Bridge FET Driver 80V/2.5A Peak, High Frequency Full Bridge FET Driver
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP4081 HIP4081IB HIP4081IP |
80V/2.5A Peak/ High Frequency Full Bridge FET Driver 80V/2.5A Peak, High Frequency Full Bridge FET Driver
|
INTERSIL[Intersil Corporation]
|
HIP4081A04 HIP4081AIPZ HIP4081A HIP4081AIB HIP4081 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Independent Control Inputs; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
2SB1198 2SB1198K A5800312 2SB1198KQ |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | SC-59 From old datasheet system Low-frequency Transistor(-80V, -0.5A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low-frequency Transistor(-80V/ -0.5A)
|
ROHM[Rohm]
|
ISL89400ABZ ISL89401ABZ ISL89401AR3Z-T |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers 100V, 1.25A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 9-DFN T&R
|
Intersil Corporation
|
HIP2100 HIP2100IB |
100V/2A Peak/ Low Cost/ High Frequency Half Bridge Driver 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
INTERSIL[Intersil Corporation]
|
SPW |
Special Purpose, High Frequency Load (Tubes), High Stability and Excellent High Frequency Characteristics, Particularly Suited for High Frequency Applications
|
Vishay
|
PCS3I625Z00XYG-08-TT PCS3I625Z0XYG-08-SR PCS3I625Z |
High Frequency Timing-Safe垄芒 Peak EMI reduction IC High Frequency Timing-Safe Peak EMI reduction IC High Frequency Timing-Safe?/a> Peak EMI reduction IC PLL BASED CLOCK DRIVER, PDSO8 4.40 MM, GREEN, TSSOP-8 PLL BASED CLOCK DRIVER, PDSO16 4.40 MM, GREEN, TSSOP-16 PLL BASED CLOCK DRIVER, PDSO8 0.150 INCH, GREEN, SOIC-8 PLL BASED CLOCK DRIVER, PDSO16 0.150 INCH, GREEN, SOIC-16
|
PulseCore Semiconductor
|
AAA3528EMBSGC |
3.5 x 2.8 mm surface mount LED lamp. High efficiency red (peak wavelength 627 nm).Super bright green (peak wavelength 565 nm). Blue (peak wavelength 430 nm). Lens type water clear.
|
Kingbright Electronic
|
HIP4083 HIP4083AB HIP4083AP |
80V/ 300mA Three Phase High Side Driver 80V, 300mA Three Phase High Side Driver 30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN
|
INTERSIL[Intersil Corporation]
|
ISL2111BR4Z |
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
|
Intersil Corporation
|
ASM3I622S01JG-08-SR ASM3P622S01JG-08-SR ASM3I622S0 |
Low Frequency Timing-Safe垄芒 Peak EMI reduction IC Low Frequency Timing-Safe?/a> Peak EMI reduction IC Low Frequency Timing-Safe Peak EMI reduction IC Low Frequency Timing-Safe?Peak EMI reduction IC
|
PulseCore Semiconductor http://
|