PART |
Description |
Maker |
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
LRC12JTRDAR010 LRC10JTRDAR010 LRC06JTRDAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd. Token Electronics Indus...
|
STK1040 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-202; Current, It av:10A; Holding Current:50mA
|
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
Z86C95-20AEC |
Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:5mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes 8位微控制
|
Microchip Technology, Inc.
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
BD437/D |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 塑料中功率硅NPN晶体
|
Crydom, Inc.
|