PART |
Description |
Maker |
MCF5208EC MCF5208CAB166 MCF5207CAG166 MCF5207CVM16 |
ColdFire垄莽 Microprocessor ColdFire庐 Microprocessor ColdFire? Microprocessor Microprocessor Data Sheet
|
Freescale Semiconductor... Freescale Semiconductor, Inc
|
AM486DX2 AMD-X5-133SDZ AMD-X5-133AFW AMD-X5-133SFZ |
Am5X86??Microprocessor Family Am5X86 Microprocessor Family Am5X86Microprocessor Family 32-BIT, 133 MHz, MICROPROCESSOR, PQFP208
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
N80C186XL-16 A80C186XL-16 N80C188XL-16 TR80C188XL- |
16-Bit Microprocessor 16位微处理 Microprocessor 微处理器
|
Panduit, Corp. RF Monolithics, Inc.
|
RM7000A RM7000A-400T RM7000A-300T RM7000A-350T RM7 |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7000A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC[PMC-Sierra, Inc]
|
MR80C86-2B 8405202QA |
CMOS 16-Bit Microprocessor 的CMOS 16位微处理 MB 31C 31#16 SKT REP 16-BIT, 8 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
AT83C24-TIRIL AT83C24-TIRIM AT83C24-TIRUL AT83C24- |
GT 3C 3#16S SKT PLUG 32BIT MCU,2KRAM,TPU,QSM Smart Card Reader Interface with Power Management SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 Smart Card Reader Interface with Power Management SPECIALTY MICROPROCESSOR CIRCUIT, PDSO28 Single Ic = 100 mA SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 Rheostat; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Resistance:40ohm SPECIALTY MICROPROCESSOR CIRCUIT, PDSO28
|
Atmel Corp. 微控制器/微处理器 Atmel, Corp.
|
TS68020MF1B/C20 TS68020MFB/C20 TS68020MR1B/C20 TS6 |
HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CPGA114 MB 41C 27#20 14#16 SKT RECP 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 20 MHz, MICROPROCESSOR, CQFP132 CAP 33PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 STANDOFF CAP 68PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 T1/E1 Transformer HCMOS 32-bit Virtual Memory Microprocessor
|
http:// Atmel, Corp. Atmel Corp. ATMEL Corporation
|
3602-12-72 3650-12-52 3650-05-92 3660-05-92 3660-1 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
|
Bivar, Inc. Pomona Electronics Xicon Passive Components
|
SA-1110 27824105 GDS1110BB GDS1110AB |
StrongARM Microprocessor From old datasheet system Intel-R StrongARM SA-1110 Microprocessor
|
Intel Corp. INTEL[Intel Corporation]
|
38721-7312 38721-7306 38721-7308 38721-7304 38721- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 2种方式结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 8路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 12未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 10未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 6未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 2种方式结核病 25 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
复位半导 Harwin PLC Ironwood Electronics MOLEX INC
|
RM7065 RM7065A-300T RM7065A-350T RM7065A |
RM7065A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary 64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7065A Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
|
PMC[PMC-Sierra, Inc] PMC[PMC-Sierra Inc]
|
5962R9572201QXC 5962R9572201VXC 5962R9572201VQC 59 |
Microprocessor, CMOS, 16-Bit, 8MHz, 500A, 12mA/MHz, Rad-Hard Radiation Hardened 16-Bit CMOS Microprocessor
|
Intersil Corporation
|