PART |
Description |
Maker |
BT134 BT134-500 BT134-500F BT134-500G BT134-600 BT |
Triacs 500 V, 4 A, TRIAC Triacs 800 V, 4 A, TRIAC Triacs(双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Q4008L4 Q2N4 Q6004F31 Q6004F41 Q6004L4 Q6004L3 Q2N |
Triacs (0.8 A to 35 A) Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:6; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Triacs (0.8 A to 35 A) 双向0.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A35甲) TV 6C 6#22D PIN WALL RECP TRIACS (0.8A TO 35A) RoHS Compliant
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
BT236X-600 BT236X-600F BT236X-600G BT236X-800 BT23 |
6 A Four-quadrant triacs 6 A Four-quadrant triacs - I<sub>GT</sub>: 25 mA; I<sub>T</sub> (R<sub>MS</sub>): 6 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 6 A Four-quadrant triacs
|
http:// NXP Semiconductors
|
BTA204SERIESBANDC BTA204-600E BTA204 BTA204-800C B |
Three quadrant triacs high commutation(三象限双向高换向可控 三象限晶闸管高减刑(三象限双向高换向可控硅) Three quadrant triacs guaranteed commutation Threequadranttriacshighcommutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
PHILIPS
|
MAC9D ON0394 MAC9N MAC9M MAC9-D |
Triacs Silicon Bidirectional Thyristors 8 AMPERES RMS 400 thru 800 From old datasheet system Triacs (Silicon Bidirectional Thyristors)
|
ONSEMI[ON Semiconductor]
|
BTA204-600E BTA204SERIESDEANDF BTA204SERIESD.EANDF |
Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors]
|
BTA216BSERIESB BTA216B-500B |
Triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA216X-800B BTA216X-800C BTA216X-800F BTA216X BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208B BTA208B-800C NXPSEMICONDUCTORS-BTA208-600C |
Three quadrant triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 8 A, SNUBBERLESS TRIAC, TO-263
|
NXP Semiconductors N.V. Philips Semiconductors
|