PART |
Description |
Maker |
BFY5002 BFY50.MODE4 |
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR 1000 mA, 35 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
Seme LAB SEMELAB LTD
|
ZTX1056 ZTX1056A UZTX1056A |
3000 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZTX327 |
NPN SILICON PLANAR R.F. MEDIUM POWER TRANSISTOR UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC http://
|
C2688BPL CSC2688 CSC2688BPL CSC2688G CSC2688O CSC2 |
10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 200.000A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 160 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 60 - 120 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 80 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 100 - 200 hFE.
|
Continental Device India Limited
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
FZT491A |
1 A, 40 V, NPN, Si, POWER TRANSISTOR SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
|
Diodes Incorporated
|
BF469 |
2.000W Medium Power NPN Plastic Leaded Transistor. 250V Vceo, 0.030A Ic, 50 hFE. Complementary BF470 TRANSISTOR|BJT|NPN|250VV(BR)CEO|100MAI(C)|TO-126
|
Continental Device India Limited
|
2SC3279 E000814 SC3279 2SC3269 |
Silicon NPN transistor for strobo flash applications and medium power amplifier applications STOROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS From old datasheet system NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS) NPN EPITAXIAL TYPE (STOROBO FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SC5752 2SC5752-T1 2SC5752NE67818 |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 6V V(BR)CEO | 100MA I(C) | TSOP NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
|
NEC
|
CFA1012 CFA1012O CFC2562O CFA1012Y CFC2562Y |
25.000W Medium Power NPN Plastic Leaded Transistor. 50V Vceo, 5.000A Ic, 70 - 240 hFE. Complementary CFA1012Y 25.000W Medium Power NPN Plastic Leaded Transistor. 50V Vceo, 5.000A Ic, 70 - 140 hFE. Complementary CFA1012O 25.000W Medium Power PNP Plastic Leaded Transistor. 50V Vceo, 5.000A Ic, 70 - 140 hFE. Complementary CFC2562O PNP SILICON PLANAR POWER TRANSISTOR 进步党硅平面功率晶体 25.000W Medium Power PNP Plastic Leaded Transistor. 50V Vceo, 5.000A Ic, 120 - 240 hFE. Complementary CFC2562Y
|
Continental Device India, Ltd. CDIL[Continental Device India Limited] Continental Device Indi...
|
FZT689 FZT689B |
SOT223 NPN SILICON PLANAR MEDIUM NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
CDD2395F CDD2395 |
2.000W Medium Power NPN Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 60 - 320 hFE. TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 3A I(C) | TO-220AB
|
Continental Device India Limited
|