PART |
Description |
Maker |
AD5062BRJ-1 AD5063BRM-1 AD5062BRJ-3 AD5040 AD5060 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23 2.7 V-5.5 V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a Sot 23 2.7V-5.5V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a MSOP
|
AD[Analog Devices]
|
AD5044BRUZ AD5024 AD5024BRUZ AD5024BRUZ-REEL7 AD50 |
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
AD5621 AD5621AKS AD5621BKS AD5601 AD5601BKS AD5611 |
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 2.7 V.5 V,00联合航空-/10-/12-Bit nanoDAC系列的D / A,SPI接口,SC70封装 2.7 V to 5.5 V, UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package 599.54 Kbytes 2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
LTC1821 LTC1821-1ACGW LTC1821-1AIGW LTC1821-1BCGW |
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C 16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 16-Bit, Ultra Precise, Fast Settling VOUT DAC PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 16-BIT DAC, PDSO36 /-5V, /-15V, 16-Bit Parallel Low Glitch Multiplying VOUT DAC with 4-Quadrant Resistors
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD5620 |
(AD56x0) 12-/14-/16-Bit nanoDAC
|
Analog Devices
|
AD5686RACPZ-RL7 AD5686RBCPZ-RL7 AD5685RBCPZ-RL7 AD |
Quad, 16-/14-/12-Bit nanoDAC
|
Analog Devices
|
AD5641 AD5641AKS AD5641BKS |
2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
|
AD[Analog Devices]
|
AD5643RBRMZ-3 AD5643RBRMZ-3REEL7 AD5623RBRMZ-3 AD5 |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
|
AD[Analog Devices]
|
AD5065BRUZ-1REEL7 AD5045BRUZ EVAL-AD5045EBZ EVAL-A |
Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP 完全准确12-/14-/16-Bit VOUT电源DAC的SPI接口2.7 V.5 V采用TSSOP Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP 完全准确12-/14-/16-Bit VOUT电源DAC的SPI接口.7 V.5 V采用TSSOP
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5689RBRUZ AD5689RBRUZ-RL7 AD5689RBCPZ-RL7 |
Dual, 16-/12-Bit nanoDAC with 2 ppm/°C Reference, SPI Interface
|
Analog Devices
|
AD5683R |
TINY 12-BIT SPI nanoDAC , WITH 卤1 LSB INL AND 2 ppm/掳C REFERENCE
|
Analog Devices, Inc.
|