PART |
Description |
Maker |
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
BS62LV8005 BS62LV8005BC BS62LV8005BI BS62LV8005EC |
DDR-II, 25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer Very Low Power/Voltage CMOS SRAM 1M X 8 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
74VCXH16244 74VCXH16244TTR |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
MC74LCX16244DTG MC74LCX1624412 M74LCX16244DTR2G |
Low-Voltage CMOS 16-Bit Buffer
|
ON Semiconductor
|
MC74LCX16240 |
Low-Voltage CMOS 16-Bit Buffer
|
ON Semiconductor
|
74VCX16244DT 74VCX16244DTR 74VCX16244 |
Low-Voltage 1.8/2.5/3.3V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
|
ONSEMI[ON Semiconductor]
|
MC74LCX16240A MC74LCX16240DT |
Low-Voltage CMOS 16-Bit Buffer With 5V-Tolerant Inputs and Outputs
|
Motorola, Inc
|
74VCXH16244 6451 |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE) From old datasheet system
|
STMicro
|
74VCXH162244TTR |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74VCXH16240 6450 |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE INV.) From old datasheet system
|
STMicro
|
74LCX1624407 74LCX16244-07 |
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
|
STMicroelectronics
|
RHRXH162373K01Q RHRXH162373K01V RHRXH162373K02Q RH |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV. WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|