PART |
Description |
Maker |
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC10H68006 MC10H680FNR2G MC100H680 MC100H680FN MC1 |
Quad Bus TRS/Rectifier ECL Differential; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 QUAD TTL TO ECL TRANSCEIVER, COMPLEMENTARY OUTPUT, PQCC28 4−Bit Differential ECL Bus to TTL Bus Transceiver
|
ONSEMI[ON Semiconductor]
|
NB100LVEP221FAR2 NB100LVEP221 NB100LVEP221FA NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver 2.5V/3.3V:20差分HSTL / ECL / PECL的时钟驱动器
|
ONSEMI[ON Semiconductor]
|
AZ100EL16VS AZ100EL16VSDR2 AZ100EL16VSL AZ100EL16V |
4.2 V-5.5 V, ECL/PECL differential receiver ECL/PECL Differential Receiver with Variable Output Swing
|
Arizona Microtek ETC[ETC] List of Unclassifed Manufacturers
|
AZ100LVE111FN |
ECL/PECL 1:9 Differential Clock Driver ECL / PECL:9差分时钟驱动
|
Arizona Microtek, Inc.
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
MC100LVEL4006 MC10LVEL40DW MC10LVEL40DWG MC10LVEL4 |
3.3/5VECL Differential Phase?Frequency Detector 3.3/5V ECL Differential Phase−Frequency Detector
|
ONSEMI[ON Semiconductor]
|
P6SMBJ36 P6SMBJ13 P6SMBJ90A P6SMBJ10 P6SMBJ100 P6S |
3.3V ECL 4-Input OR/NOR; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Unidirectional and bidirectional Transient Voltage Suppressor diodes 3.3V / 5VECL 8-Bit Serial/Parallel Converter; Package: 32 QFN, 5 x 5 mm, 0.5 mm pitch, exposed pad; No of Pins: 32; Container: Rail; Qty per BBG ECL GATE OR/NOR QUAD; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 NECL OUTPUT TRANSLATOR; Package: QFN 4x4 mm, 24 PIN; No of Pins: 24; Container: Rail; Qty per Container: 92 5V ECL 8-Bit Synchronous Binary Up Counter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 5V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 3.3V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 1:2 Fanout Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100
|
SEMIKRON[Semikron International]
|
MC10EP11 MC10EP11D MC10EP11DR2 MC10EP11DT MC10EP11 |
3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5VECL 1:2 Differential Fanout Buffer
|
ONSEMI[ON Semiconductor]
|
HK-2900 SK-A290C-FREQ HK-A2900-FREQ HK-A2901-FREQ |
Differential Positive ECL (DPECL)
|
NEL[Nel Frequency Controls,inc]
|