PART |
Description |
Maker |
PI3USB102 PI3USB102ZLE |
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
|
Pericom Semiconductor Corporation
|
PI3USB10LP-AZLE |
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications 的USB 2.0高速的电池供电应用80 Mbps)的信号开关目
|
Pericom Semiconductor, Corp.
|
MAX232A MAX232C MAX232D MAX244 MAX232CPE MAX236 MA |
5V-Powered, Multichannel RS-232 Drivers/Receivers 5V-Powered / Multichannel RS-232 Drivers/Receivers Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 +5V-Powered,Multi-Channel RS-232 Drivers/Receivers Circular Connector; No. of Contacts:29; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No LJT 6C 6#22M PIN PLUG +5V-Powered,Multichannel RS-232 Drivers/Receivers +5供电,多路RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors HEX LINE TRANSCEIVER, PQCC44 +5V-Powered,Multichannel RS-232 Drivers/Receivers +5v-powered,多路RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 TV 37C 37#22D SKT RECP 5 LINE DRIVER, PDSO20 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 Quadruple Bus Buffer Gates With 3-State Outputs 14-PDIP -40 to 85 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 5V RS-232 Transceivers with 0.1uF External Capacitors
|
Maxim Integrated Products, Inc. Buffer和线驱动 MAXIM INTEGRATED PRODUCTS INC
|
HIN213 HIN202 HIN202_05 HIN206 HIN207 HIN208 HIN21 |
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors 5V Powered RS-232
Transmitters/Receivers Features(伏电源电压RS-232收发 5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R DUAL LINE TRANSCEIVER, PDSO16 5V Powered RS-232 Transmitters/Receivers Features(伏电源电RS-232收发 5V的供RS - 232发送器/接收功能(正5伏电源电压的RS - 232收发器) 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO28 5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 16-PDIP DUAL LINE TRANSCEIVER, PDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ST232AB ST232ABTR ST232ACTR ST232ABDR ST232AB08 ST |
Very high speed, ultra low power consumption 5 V powered RS-232 drivers and receivers
|
STMicroelectronics
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
HIN232 HIN236 HIN237 HIN238 HIN232CB-T HIN232CBZ |
5V Powered RS-232 Transmitters/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容
|
Integrated Silicon Solution, Inc.
|
2SC5829 |
Small-signal device - Small-signal transistor - High-Speed SwitchVCO and High Freq.
|
Panasonic
|
ACT-F1288N ACT-F1288N-150P7T ACT-F1288N-150P7Q ACT |
High speed 1 Megabit monolithic FLASH. Speed 150ns. High speed 1 Megabit monolithic FLASH. Speed 90ns. High speed 1 Megabit monolithic FLASH. Speed 70ns. ACT-F128K8 High Speed 1 Megabit Monolithic FLASH High speed 1 Megabit monolithic FLASH. Speed 60ns. High speed 1 Megabit monolithic FLASH. Speed 120ns.
|
AEROFLEX[Aeroflex Circuit Technology]
|