PART |
Description |
Maker |
UA111 UA311 |
Voltage Comparator Single Comparator
|
Fairchild Semiconductor
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
AD53033 AD53033JSTP |
DRIVER/COMPARATOR: High Performance Driver/Comparator on a Single Chip
|
AD[Analog Devices] Analog Devices, Inc.
|
TC1026CEUA TC1026 TC1026CEOA TC1026CEPA TC1026CEOA |
The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. ... The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. This increased integration allows the user to replace two or three packages, which saves space, lowers s Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
|
MICROCHIP[Microchip Technology]
|
TC1028 |
The TC1028 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T
|
Microchip
|
LT1719 LT1719CS8 LT1719IS8 1719F LT1719CS6 LT1719I |
4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output From old datasheet system
|
LINER[Linear Technology]
|
LM2901DR2 LM239N MC3302DR2 LM2901DTBR2G NCV2901CTR |
3-36V Quad Comparator, Ta = -40 to 105°C - Pb-free; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 3-36V Quad Comparator - Bare die; Package: NA-Bare Die; Container: Tape and Reel; Qty per Container: 6000 QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, UUC Single Supply Quad Comparators QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 3-36V Quad Comparator, Ta = 0 to 70°C, Pb-FREE; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 Single Supply Quad Comparators QUAD COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 Single Supply Quad Comparators
|
Rectron Semiconductor Integrated Device Technology, Inc.
|
KA311D KA311 |
SINGLE COMPARATOR
|
Powerex Power Semiconductors SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Powerex Powers
|
TC75S58F07 |
Single Comparator
|
Toshiba Semiconductor
|
UPC311G2-E1 UPC311G2-E2 UPC311G2-T1 UPC311G2-T2 |
Single comparator
|
NEC
|