PART |
Description |
Maker |
NM25C640 NM25C640LEN NM25C640LVM8 NM25C640LVN NM25 |
SPI Serial EEPROM 64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) [Advanced]
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
IS25C32A-3PLA1 IS25C32A-2PLI IS25C32A-2PI IS25C32A |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 4K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 http:// INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
25LC640XT-I_P 25LC640XT-I_SN 25LC640XT-I_ST 25LC64 |
64K SPI Bus Serial EEPROM
|
Microchip Technology
|
25LC640-E/P 25LC640-E/SN 25LC640-E/ST |
64K SPI Bus Serial EEPROM
|
Microchip Technology
|
AT25HP512CI-10CI-2.7 AT25HP512CI-10CI-1.8 |
64K X 8 SPI BUS SERIAL EEPROM, DSO8 8 X 5 MM, 1.04 MM HEIGHT, 1.27 MM PITCH, LAP-8
|
Atmel, Corp.
|
M95256-MW6G_A M95256-D-MW6G_A M95256-MW6G_K M95256 |
256 Kbit serial SPI bus EEPROM with high-speed clock 32K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
STMicroelectronics
|
95P04 ST95P04 4583 ST95P04M6TR ST95P04B1TR ST95P04 |
512 X 8 SPI BUS SERIAL EEPROM, PDSO8 SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM 串行访问SPI总线4K12 × 8的EEPROM N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
X25020SIG-2.7 X25020SIG-3 X25020PIG-2.7 X25020PIG- |
256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial E2PROM with Block LockTM Protection
|
IC MICROSYSTEMS SDN BHD
|
X25040IG X25040 X25040D X25040DG X25040DP X25040E |
512 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial E2PROM with Block LockTM Protection
|
IC MICROSYSTEMS SDN BHD
|