PART |
Description |
Maker |
MAX7129 ICL7129A |
Low-Noise, 4 1/2 Digit, Single-Chip ADC with Multiplexed LCD Drivers
|
MAXIM - Dallas Semiconductor
|
ICL7129ACQH-D |
Low-Noise, 4 1/2 Digit, Single-Chip ADC with Multiplexed LCD Drivers
|
MAXIM - Dallas Semiconductor
|
C-561E A-561G A-561E A-561SR A-561Y C-561Y A-551E |
SINGLE DIGIT DISPLAY for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; Wide Operating Temperature C to 85C, Low Ripple & Noise, High Efficiency up to 80%, Low Profile Plastic Case, Single, Dual & Dual Separated Outputs
|
PARA Light ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LTS2301AWC LTS-2301AWC |
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
MAX412 MAX412BCPA MAX412BCSA MAX412BEPA MAX412BESA |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps DUAL OP-AMP, 350 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDIP8 Single/Dual/Quad / 28MHz / Low-Noise / Low-Voltage / Precision Op Amps Single/Dual/Quad 28MHz Low-Noise Low-Voltage Precision Op Amps
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC 运算放大 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MTN2140-AG MTN7140M-11C MTN2140-CG MTN4140-AHR MTN |
CONNECTOR ACCESSORY 0.4单数 Marktech 0.40 Single Digit 0.4 Single Digit Display SINGLE DIGIT SEVEN SEGMENT DISPLAY
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
ATF-58143-BLK ATF-58143-TR2G ATF-58143 ATF-58143-B |
C BAND, Si, N-CHANNEL, RF SMALL SIGNAL, HEMFET ATF-58143 · Single Voltage E-pHEMT Low Noise 30.5 dBm OIP3 in SC-70 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
|
AGILENT TECHNOLOGIES INC Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
2SC4957 2SC4957-T1 2SC4957-T2 2SC4957NE68539E 2SC4 |
Microwave low-noise amplification silicon transistor HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 高频低噪声放大器NPN硅外延晶体管4个引脚微型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC, Corp. NEC Corp.
|
MG136C-3 MG136A-3 |
SINGLE DIGIT NUMERIC DISPLAYS 0.36 SINGLE DIGIT NUMBERIC DISPLAYS RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
AD8663ACPZ-R2 AD8663ACPZ-RL |
16V, 180A Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers 16V, 180レA Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|