PART |
Description |
Maker |
TE28F016S5-110 PA28F004S5-120 PA28F004S5-85 PA28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 8 AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
|
INTEL[Intel Corporation]
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
CDP1852C3 CDP1852C CDP18523 CDP1852 FN1694 |
High-Reliability Byte-Wide Input/Output Port From old datasheet system
|
Intersil
|
WM2613 WM2613IDT WM2613CDT |
BYTE-WIDE PARALLEL INPUT, 12-BIT VOLTAGE OUTPUT DAC From old datasheet system
|
WOLFSON[Wolfson Microelectronics plc]
|
PI6C2309-1WI PI6C2309-1HW PI6C2309-1HLI PI6C2309-1 |
High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 6C SERIES, PLL BASED CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 0.173 INCH, TSSOP-8 High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 九分布式输出时钟驱动 Nine Distributed-Output Clock Driver 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动
|
Pericom Semiconductor, Corp. Bourns, Inc.
|
ENA0970B |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC872G08A LC872G04A LC872G06A LC872G08A10 |
8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87FBK08A |
8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F5932A |
CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ST10F269Z2Q3 ST10F269Z2Q6 ST10F269Z2QX |
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
|
STMICROELECTRONICS[STMicroelectronics]
|