PART |
Description |
Maker |
DS1804 DS1804-010 DS1804-050 DS1804-100 DS1804U-01 |
PT 19C 19#20 PIN RECP 非易失电位器 Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:8-4 PT 18C 18#20 PIN PLUG Circular Connector; No. of Contacts:15; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-15 PT 19C 19#16 PIN PLUG NV Trimmer Potentiometer
|
Maxim Integrated Products, Inc. DALLAS[Dallas Semiconductor] Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
466 046601.5 0466.200 0466.375 0466.125 0466.750 0 |
Surface Mount Fuses - Lead-Free Thin-Film PT 5C 5#20 PIN RECP 表面贴装保险无铅薄膜 CONNECTOR ACCESSORY Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:5; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:10-5
|
Littelfuse, Inc.
|
UPD442000AGU-BB85X-9JH UPD442000AGU-BB55X-9JH UPD4 |
Circular Connector; No. of Contacts:7; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:11-99 RoHS Compliant: No 2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION Circular Connector; No. of Contacts:6; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:11-98 RoHS Compliant: No Circular Connector; No. of Contacts:22; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:13-35 RoHS Compliant: No Circular Connector; No. of Contacts:6; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:11-98 RoHS Compliant: No Circular Connector; No. of Contacts:10; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:13-98 RoHS Compliant: No LJT 4C 4#20 PIN JAM RECP Circular Connector; No. of Contacts:13; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:11-35 RoHS Compliant: No
|
NEC Corp.
|
540-99-084-17-400-2 540-99-084-17-400 540-99-068-1 |
540-99-052-17-400-2 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:12-10 TV 30C 30MIX PIN PLUG RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Gender:Male Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:42; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Sockets for Plastic Leaded Chip Carriers (PLCC) SMT terminations 塑料引线芯片载体封装(PLCC)表面贴装端子插
|
PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
1N5802-1 JANHCE1N5802 JANKCE1N5802 JANKCE1N5806 JA |
2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS 2.5 A, SILICON, RECTIFIER DIODE Circular Connector; No. of Contacts:79; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:79; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-35 RoHS Compliant: No JT 79C 79#22D PIN RECP Circular Connector; No. of Contacts:32; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:18-32 RoHS Compliant: No Ultra Fast Rectifier (less than 100ns)
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
551-90-108-12-051-017 516-93-108-12-051-001 516-93 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:10-98 Circular Connector; No. of Contacts:10; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:12-10 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight CRIMP SHELLS, DB50 MALE Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts 插针网格阵列插座/互连插座和引焊尾用电线插座,包装岗位 CONNECTOR ACCESSORY 插针网格阵列插座/互连插座和引焊尾用电线插座,包装岗位 DB 50 FEMALE CRIMP SHELL 插针网格阵列插座/互连插座和引焊尾用电线插座,包装岗位
|
Preci-Dip Durtal SA PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC |
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:Low Loss UL AWM Style 1354; Capacitance:24.80pF RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Matte Black RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 1345-Type Receiver with Clock Recovery and Data Retiming 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector ST.
|
AGERE[Agere Systems]
|
TDA8006H/C1 TDA8006H/C2 TDA8006H/C3 TDA8006AH TDA8 |
Multiprotocol IC Card coupler Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:18-32 Circular Connector; No. of Contacts:10; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-98 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight JT 22C 22#22D PIN PLUG
|
Philips Semiconductors NXP Semiconductors N.V.
|
M306V2 M306V2ME-153FP M306V2ME-151FP M306V2ME-179F |
Circular Connector; Body Material:Aluminum; Series:PT07; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 单片16位CMOS微机隐蔽字幕解码器和屏幕显示控制
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
ARD10012 ARD10012C ARD10012CQ ARD10012Q ARD10024 A |
Circular Connector; No. of Contacts:12; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-9 RoHS Compliant: No ER 35C 35#16 SKT RECP 26.5GHz, 18GHz COAXIAL SWITCH 26.5GHz的,18GHz同轴开 ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% 26.5GHz的,18GHz同轴开 Circular Connector; No. of Contacts:25; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:32; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 3C 3#4 PIN RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 9C 6#12 3#8 SKT RECP WALL ER 3C 3#4 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-3 RoHS Compliant: No
|
Electronic Theatre Controls, Inc. Matsushita Electric Works(Nais)
|
AR-P48 AR-20441-12 AR-20441-11 ACCESSRUNNER CONEXA |
ER 48C 48#16 SKT RECP Circular Connector; No. of Contacts:12; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:28-18 RoHS Compliant: No Circular Connector; No. of Contacts:15; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:28-17 RoHS Compliant: No Controller-less. Scalable. Discrete Multitone-based. G.dmt- and G.lite-compliant. ADSL Modem Device Set for PCI Applications 控制器少。可扩展性。离散多音为基础的G.dmt和G.lite标准ADSL调制解调器的PCI设备的应用设
|
Conexant Systems, Inc. Samsung Semiconductor Co., Ltd.
|