PART |
Description |
Maker |
XRT83L34 |
Single-Channel T1/E1/J1 Long-Haul, Short-Haul Line Interface Unit
|
Exar
|
ISL34321INZ-T13 |
16-Bit Long-Reach Video SERDES with Bidirectional Side-Channel; Temperature Range: -40°C to 85°C; Package: 48-EPTQFP T&R SPECIALTY INTERFACE CIRCUIT, PQFP48 16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
|
Intersil, Corp. Intersil Corporation
|
C-13-155-T-SSC9A C-13-155-T3-SSC9A C-13-155-T-SSC9 |
155 Mbps Single Mode Transceiver (Long-Reach)
|
Source Photonics, Inc.
|
REC-139L |
Precision Linear Transducers, Conductive Plastic, Robust, Side Actuation, Ideally Suited for Applications with Very Long Travels, Long Life, High Accuracy, Excellent Repeatability, Essentially Infinite Resolution
|
Vishay
|
DS26334 DS26334G DS26334GN |
3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit
|
MAXIM - Dallas Semiconductor
|
ISL34321 ISL34321INZ |
16-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
|
Intersil Corporation
|
DS26334GN DS26334 DS26334G |
From old datasheet system 3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit
|
DALLAS[Dallas Semiconductor]
|
ISL34341 ISL34341INZ |
WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
|
Intersil Corporation
|
ISL34340INZ ISL34340 |
WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
|
Intersil Corporation
|
M37515M4-C07HP M37515M4-C05HP M37515M4-C08HP M3751 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER TD1104 series detector switch features long travel and a smooth operation
|
Mitsubishi Electric Corporation
|
OM6017SA OM6018SA OM6019SA OM6020SA OM6019SW OM602 |
200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 500V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V单N沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Microsemi, Corp.
|
OM6009SA OM6010SA OM6011SA OM6012SA OM6109SA OM611 |
500V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFETS IN HERMETIC ISOLATED 100V Single N-Channel Hi-Rel MOSFET in a D3 package 100V的单个N -沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC ITT, Corp.
|