PART |
Description |
Maker |
NCN6804 |
Dual Smart Card Interface with SPI Programming Interface Dual Smart Card Interface IC
|
ON Semiconductor
|
73S8010C-ILR/F |
Smart Card Interface
|
MAXIM - Dallas Semiconductor
|
TDA8034AT TDA8034T/C1112 TDA8034T/C1118 TDA8034AT/ |
Smart card interface
|
NXP Semiconductors N.V.
|
LTC1755EGNPBF LTC1755EGNTR LTC1755EGNTRPBF |
Smart Card Interface
|
Linear Technology
|
73S8024C-IL/F 73S8024C-ILR/F |
Smart Card Interface
|
MAXIM - Dallas Semiconductor
|
DS8113-RNG |
Smart Card Interface
|
Maxim Integrated Products
|
NCN6000-D |
Compact Smart Card Interface IC
|
ON Semiconductor
|
TDA8020 TDA8020HL |
Dual smart card interface
|
PHILIPS[Philips Semiconductors]
|
AN2284 |
Smart Card Interface with the STR71xx
|
STMicroelectronics
|
TDA8020 TDA8020HL |
Dual smart card interface
|
NXP Semiconductors
|
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
73S8024RN-20IM_F 73S8024RN-32IM_F 73S8024RN-32IMR_ |
Low Cost Smart Card Interface
|
Teridian Semiconductor Corporation
|