PART |
Description |
Maker |
RJ45-6LC1-B RJ45-6LC1-S RJ45-6LC2-B RJ45-6LC2-S RJ |
TYPICAL INSERTION LOSS IN DB LINE-TO-GROUND (STOP BAND) IN A 50 OHM CIRCUIT 典型插入损耗在DB线对地(阻带)在一50欧姆电路 TYPICAL INSERTION LOSS IN DB LINE-TO-GROUND (STOP BAND) IN A 50 OHM CIRCUIT 典型插入损耗在DB线对地(阻带)在一0欧姆电路
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
HM5164405AJ-5 HM5165405AJ-6 |
IEC 61754-6; HRS No: 710-0077-0 00; Insertion Loss (dB): 0.5; Return Loss (dB)(Min.): 40; Generic Name: MU; General Description: Plug insertion/extraction tool x4 EDO Page Mode DRAM x4 EDO公司页面模式的DRAM
|
Elpida Memory, Inc.
|
CP0402A2442ELTR CP0402A0897ANTR CP0402A0947CLTR 2A |
2400 MHz - 2484 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 880 MHz - 915 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 935 MHz - 960 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.4 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 869 MHz - 894 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX
|
AVX CORP
|
P2-04-103 P2-03-103 P2-09-104 P2-04-104 |
0.5 MHz - 300 MHz RF/MICROWAVE SPLITTER, 0.7 dB INSERTION LOSS 0.5 MHz - 100 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS 5 MHz - 1000 MHz RF/MICROWAVE SPLITTER, 1.2 dB INSERTION LOSS
|
Caddock Electronics, Inc. WIMA
|
YF-45N YF-25N YF-38N |
4000 MHz - 8000 MHz RF/MICROWAVE SPLITTER AND COMBINER, 1 dB INSERTION LOSS 750 MHz - 1500 MHz RF/MICROWAVE SPLITTER AND COMBINER, 0.5 dB INSERTION LOSS 2000 MHz - 4000 MHz RF/MICROWAVE SPLITTER AND COMBINER, 0.8 dB INSERTION LOSS
|
Hytronics, Corp. YEONHO Electronics Co., Ltd. Integrated Device Technology, Inc.
|
CVA-LT92-10-SMA-79 CVA-LT92-10-TNC-79 CVA-LP91-15- |
2000 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.5 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.5 dB INSERTION LOSS-MAX 8000 MHz - 12400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.5 dB INSERTION LOSS-MAX
|
|
HM5164400LJ-5 HM5165400LJ-5 HM5165400J-5 HM5164400 |
IEC 61754-6; HRS No: 710-0087-3 40; Mating/Unmating Cycles: 500; Operating Temperature Range (degrees C): -25 to 70; Generic Name: MU; General Description: Cap IEC 61754-6; HRS No: 710-0076-7 00; Insertion Loss (dB): 0.5; Return Loss (dB)(Min.): 40; Generic Name: MU; General Description: Plug insertion/extraction tool x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
3M Company
|
V23990-P824-F-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|
QHP-2N-1000B QHP-2N-1B |
Analog IC 模拟IC 950 MHz - 1050 MHz RF/MICROWAVE SPLITTER AND COMBINER, 0.3 dB INSERTION LOSS HERMETIC, 8 PIN 0.95 MHz - 1.05 MHz RF/MICROWAVE SPLITTER AND COMBINER, 0.3 dB INSERTION LOSS HERMETIC, 8 PIN 90 POWER DIVIDERS / COMBINERS
|
Glenair, Inc. Merrimac Industries, Inc.
|
ZDC-20-3-75BR-1 |
55 MHz - 90 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX CASE M22 55 MHz - 90 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX ROHS COMPLIANT PACKAGE
|
Mini-Circuits
|
8800NMM1-06 8800NFM3-12 8800NMM2-02 8800NMM3-06 |
10 MHz - 6000 MHz RF/MICROWAVE MONITOR TEE DC BLOCK, 1.25 dB INSERTION LOSS-MAX 10 MHz - 12000 MHz RF/MICROWAVE MONITOR TEE DC BLOCK, 3 dB INSERTION LOSS-MAX 10 MHz - 2500 MHz RF/MICROWAVE MONITOR TEE DC BLOCK, 1 dB INSERTION LOSS-MAX
|
|