PART |
Description |
Maker |
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTMD6P02R2 NTMD6P02R2-D NTMD6P02 |
Power MOSFET 6 Amps, 20 Volts P?Channel SO, Dual(6A0V,双P沟道SO-8封装的功率MOSFET) Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
MTY55N20E |
OBSOLETE - Power MOSFET 55 Amps, 200 Volts N?Channel Power MOSFET
|
ON Semiconductor
|
NTD32N06L-1G NTD32N06L-001 NTD32N06LG NTD32N06LT4G |
Power MOSFET 32 Amps, 60 Volts 32 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTD85N02RT4G NTD85N02R NTD85N02R-001 NTD85N02R-1G |
Power MOSFET 85 Amps, 24 Volts N-Channel DPAK 85 A, 24 V, 0.0052 ohm, N-CHANNEL, Si, POWER, MOSFET Power Mosfet 85 A, 24 V, N-Channel DPAK Power MOSFET 85 Amps / 24 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
FDS6679_05 FDS6679 FDS667905 FDS6679NL |
30 Volt P-Channel PowerTrench MOSFET 13000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30 Volt P-Channel PowerTrench? MOSFET 30 Volt P-Channel PowerTrench㈢ MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTD4302 NTD4302T4 NTD4302-1 |
Power MOSFET 68 Amps / 30 Volts(N-Channel DPAK) Power MOSFET 68 Amps, 30 Volts(N−Channel DPAK) Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
|
ONSEMI[ON Semiconductor]
|
MTD20N06HDLT4 |
Power MOSFET 20 Amps, 60 Volts, Logic Level N−Channel DPAK 20 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
|