PART |
Description |
Maker |
5962-9761002HXA 5962-9761003HXC |
Voltage-Output, 12-Bit Multiplying DACs EEPROM 500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter EEPROM
|
PHOENIX CONTACT Deutschland GmbH Maxim Integrated Products, Inc.
|
MAX5090AATE MAX5090BATE MAX5090CATE MAX5090A MAX50 |
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX5035AASA MAX5035AASA_V MAX5035BASA MAX5035BASA_ |
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
|
Maxim Integrated Products
|
MAX5035DASA-T |
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
|
MAXIM INTEGRATED PRODUCTS INC
|
LTC3630 LTC3631 LT3990 LTC3642 LTC3104 LTC3103 LTC |
High Efficiency, 65V 500mA Synchronous
|
Linear Technology
|
MAX17501 |
60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
|
Maxim Integrated Products
|
AM2149-70PCB AM2149-70DCB AM2149-70LCB AM21L48-55D |
x4 SRAM Dual 100MHz Current Feedback Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Quad 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 4-Input Video Multiplexer with 75MHz Current Feedback Amplifier; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 100MHz Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C Low Dropout Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 140MHz Video Current Feedback Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise Very High Speed Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Power, High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C x4的SRAM 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x4的SRAM 500MHz, 3nV/rtHz, AV >=10 Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Very High Speed Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Amphenol, Corp. Glenair, Inc.
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
|