PART |
Description |
Maker |
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
S3C9434 S3P9432 |
8-Bit Single-Chip CMOS Microcontrollers 8-bit single-chip CMOS microcontroller. OTP version.
|
Samsung Electronic
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
M37210M4-227SP M37210M4-218SP M37210M3-560SP M3721 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE CHIP 8-BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER Single Chip 8-Bit CMOS MICROCOMPUTER for Voltage SYNTHESISER WITH OSD Controller Single-chip 8-bit CMOS microcfomputer for voltage synthesizer with on-screen display controller.
|
Mitsubishi Electric Corporation
|
LC866008 LC866012 LC866016 LC866020 LC866024 LC866 |
CMOS 8-Bit Single-Chip Microcomputers 8-Bit Single Chip Microcontroller with One-Time PROM
|
SANYO[Sanyo Semicon Device]
|
80C32C-20R 80C32C-12R 80C32C-36R 80C32C-42R 80C32C |
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller 的CMOS 04 MHz的单芯片8位微控制 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 CMOS 0 to 44 MHz Single Chip 8bit Microntroller METER PROCESS TIME 6-DIGIT ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
|
http:// Atmel, Corp. Honeywell International, Inc. Welwyn Components, Ltd. Amphenol, Corp. TEMIC Semiconductors
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
IC80C32-24PL IC80C52-24PL IC80C52-12PL IC80C32-40P |
(IC80C32 / IC80C52) CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS SINGLE CHIP 8-BIT MICROCONTROLLER CMOS单芯位微控制
|
Integrated Circuit Solution... Air Cost Control
|
KS57C21116 KS57C21124 KS57C21132 KS57P21132 |
(KS57C21116 - KS57P21132) single-chip CMOS microcontroller The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
|
Samsung semiconductor
|
KS57C4104 KS57C4204 KS57C4304 KS57P4104 KS57P4304 |
(KS57C4104 - KS57P4304) single-chip CMOS microcontroller The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
|
SAMSUNG[Samsung semiconductor]
|
CXP82220 CXP82224 CXP-82220 CXP-82224 |
IC,MICROCONTROLLER,8-BIT,SPC700 CPU,CMOS,QFP,100PIN,PLASTIC CMOS 8-bit Single Chip Microcomputer
|
SONY[Sony Corporation]
|