PART |
Description |
Maker |
CD22M3494MQZ CD22M3494EZ CD22M3494MQA CD22M3494MQA |
16 x 8 x 1 BiMOS-E Crosspoint Switch 16x8x1 BiMOS-E Crosspoint Switch; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R 16-CHANNEL, CROSS POINT SWITCH, PQCC44
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
UCN5815A UCN5815EP UCN5815 5815 |
BiMOS II 8-Bit Latched Source Driver for Use with High-Voltage Vacuum-Fluorescent Displays(用于高压真空荧光显示器的 BiMOS II 8位锁存源驱动 BiMOS II 8位锁存源的使用高驱动电压真空荧光显示器(用于高压真空荧光显示器的BiMOS位锁存源驱动器) BiMOS II 8-BIT LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
LT4220IGNTRPBF |
Dual Supply Hot Swap Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Linear Technology, Corp.
|
ICL3232IBNZ-T ICL3222CV-T ICL3232CV-T ICL3222CVZ-T |
1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL LINE TRANSCEIVER, PDSO16 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 20-TSSOP T&R DUAL LINE TRANSCEIVER, PDSO20 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-TSSOP T&R DUAL LINE TRANSCEIVER, PDSO16 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-TSSOP T&R LINE TRANSCEIVER, PDSO16 1mA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP TRIPLE LINE TRANSCEIVER, PDSO28 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 18-SOIC T&R DUAL LINE TRANSCEIVER, PDSO18 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 20-SSOP T&R DUAL LINE TRANSCEIVER, PDSO20 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R DUAL LINE TRANSCEIVER, PDSO16 1mA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-TSSOP TRIPLE LINE TRANSCEIVER, PDSO28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R
|
Intersil, Corp. INTERSIL CORP
|
EDI7F2332MV100BNC |
16x8x1 BiMOS-E Crosspoint Switch; Temperature Range: -40°C to 85°C; Package: 44-PLCC EEPROM
|
Ecliptek, Corp.
|
UCN5841 UCN5841A UCN5841LW UCN5842 UCN5842A UCQ584 |
(UCN5842) BiMOS II 8-BIT SERIAL-INPUT / LATCHED DRIVERS BiMOS II 8-Bit Serial-Input, Latched Driver to be Used in a Wide Variety of Peripheral Power Driver Applications(广泛用于各种外围功率器件的BiMOS II 8位串行输入锁存驱动器) BiMOS II 8-BIT SERIAL-INPUT/ LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT. LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8-BIT SERIAL INPUT/ LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
CA3420 CA3420A CA3420AT CA3420E FN1320 |
From old datasheet system 0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers 0.5MHz/ Low Supply Voltage/ Low Input Current BiMOS Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
ISL5120CB ISL5120IHZ-T ISL5121 ISL5121CB ISL5121CB |
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 CAP .01UF 50V PPS FILM ECH-S DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL4314004 ISL43142IVZ ISL43140 ISL43140IB ISL4314 |
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches Analog Switch, SPST, Quad, NOpen, Ron = 50, Single and Dual Supply, V to V or 2V to 12V, Ron Matched Analog Switch, SPST, Quad, 2xNOpen/2xNClosed, Ron = 50 Single and Dual Supply, V to V or 2V to 12V, Ron Matched Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC16 Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LT1211CS8TRPBF LT1212CSTR |
14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 650 uV OFFSET-MAX, 14 MHz BAND WIDTH, PDSO8 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 650 uV OFFSET-MAX, 14 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp.
|
ISL54066IRUZ-T ISL54066IRZ ISL54066IRZ-T |
Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch 1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch with Negative Signal Capability; Temperature Range: -40°C to 85°C; Package: 10-uTQFN T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC10
|
Intersil Corporation Intersil, Corp.
|
|