PART |
Description |
Maker |
IE-703116-MC-EM1 |
V850E/IA1 in-circuit emulator
|
NEC
|
KLNR8 KLNR5 KLNR6 KLNR4 KLNR70 KLNR50 KLNR90 KLNR6 |
Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V, 5MHz/2.2 to 5.5V; Operating Ambient Temperature Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 32K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 24K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K 2K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K 2K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction General Purpose Fuses
|
Littelfuse, Inc.
|
HMF8M16F8V HMF8M16F8V-90 |
FLASH-ROM MODULE 16MByte (8M x 16-Bit) Memory Stack Type 闪光- ROM模块16MByte米16位)内存堆栈 FLASH-ROM MODULE 16MByte (8M x 16-Bit) - Memory Stack Type FLASH-ROM MODULE 16MByte (8M x 16-Bit) Memory Stack Type
|
Electronic Theatre Controls, Inc. Hanbit Electronics Co.,Ltd ETC[ETC] List of Unclassifed Manufacturers
|
CS1E221KR CS1C330KC CS1C221MT CS1C330KR CS1E221KC |
VERSA,STRIP,PC,BD,3,1/2,X IC, MCU,FLASH, Z8F2401VN020S 24KB ROM,31IO,A/D,20MHz,44PLCC IC, MCU,FLASH, Z8F2401PM020S 24KB ROM,31IO,A/D,20MHz,40PDIP IC, MCU,FLASH, Z8F2402VS020S 24KB ROM,46IO,A/D,20MHz,68PLCC PROTOBOARD,2 3/8 X 4,FOR DIPS, 14-20 PINS,0.1 IN. CENTERS LAMP,#51,INCANDESCENT G-3-1/2,7.50V,.220A,1.00MSCP #LAMP,#46,INCANDESCENT T-3-1/4,6.30V,.250A,.90MSCP RES,ARRAY,SMT,68 OHM, /-5%, /-200ppm,CONVEX(10) DISPLAY,LCD,SERIAL,4RX20C 1200,2400,9600,19.2K,BACKLIGHT TOOL KIT,COMPUTER SERVICE,40 PCS CHOKES,AXIAL,VARNISHED,RF 24 UH,800 IDC 60 SEC 2.4-5.5V SINGLE CHIP MU <NV 芯片类型,标 CHIP TYPE, STANDARD 芯片类型,标 MOTOR,GEAR,193RPM@24VDC SHT:.24"Dx.7"L,SOLDER TAB 芯片类型,标 **POSITIVE,DEVELOPER,6,OZ. 芯片类型,标 LAMP,#1847,INCANDESCENT T-3-1/4,6.30V,.150A,.380MSCP 芯片类型,标 4-MIN 3V SINGLE CHIP VOICE REC <NV 芯片类型,标 LAMP,#7715,INCANDESCENT T-1,5.00V,.115A,.150MSCP 芯片类型,标 IC, MPU,Z180, Z8S18020PSC 20MHz, UART CSIO, 5V, 64PDIP 芯片类型,标 IC, MCU,FLASH, Z8F4802VS020S 48KB ROM,46IO,A/D,20MHz,68PLCC 芯片类型,标
|
DB Lectro Inc. DB Lectro, Inc.
|
HMF2M32B4V |
FLASH-ROM MODULE
|
Hanbit Electronics
|
UPD703100-33 UPD703100-40 UPD703100GJ-33-8EU UPD70 |
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
|
NEC[NEC]
|
ADMCF340-15 |
64-Lead Flash and ROM Memory
|
Analog Devices
|
HMF51232M4Y-90 HMF51232M4Y-70 HMF51232M4Y-55 HMF51 |
FLASH-ROM MODULE 2MByte (512K x 32-Bit)
|
Hanbit Electronics Co.,Ltd.
|
HMF3M32M6V-90 HMF3M32M6V-80 HMF3M32M6V-70 HMF3M32M |
FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
|
http:// Hanbit Electronics Co.,Ltd
|
HMF4M32M8G HMF4M32M8G-90 HMF4M32M8G-75 HMF4M32M8G- |
FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
|
Hanbit Electronics Co.,Ltd
|
HMF8M32M8A-90 HMF8M32M8A-70 HMF8M32M8A-55 HMF8M32M |
FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
|
Hanbit Electronics Co.,Ltd
|
|